Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600L Datasheet(PDF) 2 Page - ams AG

Part # AS5600L
Description  12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600L Datasheet(HTML) 2 Page - ams AG

  AS5600L Datasheet HTML 1Page - ams AG AS5600L Datasheet HTML 2Page - ams AG AS5600L Datasheet HTML 3Page - ams AG AS5600L Datasheet HTML 4Page - ams AG AS5600L Datasheet HTML 5Page - ams AG AS5600L Datasheet HTML 6Page - ams AG AS5600L Datasheet HTML 7Page - ams AG AS5600L Datasheet HTML 8Page - ams AG AS5600L Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-12] 2020-May-14
AS5600L − General Description
Applications
The AS5600L is ideally suited for contactless potentiometers,
contactless knobs, pedals, RC servos and other angular position
measurement solutions.
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
Functional Blocks of AS5600L
• Great flexibility on angular excursion
• Maximum angle programmable from 18° up to 360°
• High-resolution output signal
• 12-bit output resolution available on I²C and PWM output
• Low-power consumption
• Automatic entry into low-power mode
• Easy setup
• Automatic magnet detection
• Very small form factor
• WL-CSP (2.07mm x 2.63mm) or SOIC-8 package
• Robust environmental tolerance
• Wide temperature range: -40°C to 125°C
Benefits
Features
AFE
Automatic
Gain Control
(AGC)
12-bit A/D
Driver
Register Setting
One-Time
Programmable
(OTP) Memory
I²C
AS5600L
PWM
VDD3V3
VDD5V
GND
SCL
SDA
PWM
DIR
Analog
Front-End
Hall Sensors
ATAN
(CORDIC)
Automatic
Digital Processing
and Filtering
Low-Dropout
(LDO) Regulator
(internal load only)
Magnetic Core
I2C Address
Automatic low power mode
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com