Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600L Datasheet(PDF) 20 Page - ams AG

Part # AS5600L
Description  12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600L Datasheet(HTML) 20 Page - ams AG

Back Button AS5600L Datasheet HTML 16Page - ams AG AS5600L Datasheet HTML 17Page - ams AG AS5600L Datasheet HTML 18Page - ams AG AS5600L Datasheet HTML 19Page - ams AG AS5600L Datasheet HTML 20Page - ams AG AS5600L Datasheet HTML 21Page - ams AG AS5600L Datasheet HTML 22Page - ams AG AS5600L Datasheet HTML 23Page - ams AG AS5600L Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-12] 2020-May-14
AS5600L − Register Description
The following registers are accessible over the serial I²C
interface. The 7-bit slave address of the slave is 0x40
(1000000 in binary). To permanently program a configuration,
a non-volatile memory (OTP) is provided.
Figure 22:
Register Map
Address
Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Configuration Registers (1), (2)
0x00
ZMCO
RZMCO(1:0)
0x01
ZPOS
R/W/P
ZPOS(11:8)
0x02
ZPOS(7:0)
0x03
MPOS
R/W/P
MPOS(11:8)
0x04
MPOS(7:0)
0x05
MANG
R/W/P
MANG(11:8)
0x06
MANG(7:0)
0x07
CONF
R/W/P
WD
FTH(2:0)
SF(1:0)
0x08
PWMF(1:0)
OUTS(1:0)
HYST(1:0)
PM(1:0)
0x20
I2CADDR
R/W/P
I2CADDR(6:0)(3)
0x21
I2CUPDT
R/W
I2CSTRB(6:0)
Output Registers
0x0C
RAW
ANGLE
RRAW ANGLE(11:8)
0x0D
R
RAW ANGLE(7:0)
0x0E
ANGLE
R
ANGLE(11:8)
0x0F
R
ANGLE(7:0)
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com