Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/AX Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF85363ATL/AX
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/AX Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF85363ATL/AX Datasheet HTML 9Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 10Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 11Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 12Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 13Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 14Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 15Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 16Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
aaa-009580
SECONDS
100 Hz tick
MINUTES
HOURS
12_24
DAYS
WEEKDAY
LEAP YEAR
CALCULATION
MONTHS
YEARS
100TH_SECOND
100TH
1 Hz tick
Figure 9. Data flow for the time function
During read operations, the time counting circuits (memory locations 00h through 07h)
are copied into an output register. The RTC continues counting in the background.
When reading or writing the time it is very important to make a read or write access in
one go, that is, setting or reading 100th seconds through to years should be made in
one single access. Failing to comply with this method could result in the time becoming
corrupted.
As an example, if the time (seconds through to hours) is set in one access and then in
a second access the date is set, it is possible that the time increments between the two
accesses. A similar problem exists when reading. A roll-over may occur between reads
thus giving the minutes from one moment and the hours from the next.
Before setting the time, the STOP bit should be set and the prescalers should be cleared
(see Section 7.16).
An example of setting the time: 14 hours, 23 minutes and 19 seconds.
• I2C START condition
• I2C slave address + write (A2h)
• register address (2Eh)
• write data (set STOP, 01h)
• write data (clear prescaler, A4h)
• write data (100th seconds, 00h)
• write data (Hours, 14h)
• write data (Minutes, 23h)
• write data (Seconds, 19h)
• I2C START condition
• I2C slave address + write (A2h)
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
13 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com