Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/AX Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF85363ATL/AX
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/AX Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF85363ATL/AX Datasheet HTML 10Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 11Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 12Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 13Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 14Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 15Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 16Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 17Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
• register address (2Eh)
• write data (clear STOP, 00h). Time starts counting from this point
• I2C STOP condition
7.3 Stop-watch mode time registers
These registers are coded in the BCD format to simplify application use.
Stop-watch mode is enabled by setting RTCM = 1. In stop-watch mode, the PCF85363A
counts from 100th seconds to 999 999 hours. There are no days, weekdays, months or
year registers.
Default state is:
Time
00 00 00:00:00.00
Monitor bits
OS = 1, EMON = 0 (see Section 7.2.2 and Section 7.2.3)
Bit positions labeled as - are not implemented and return 0 when read.
Upper-digit (ten’s place)
Digit (unit place)
Address Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
100th_seconds[1] 0 to 9
0 to 9
01h
Seconds
OS
0 to 5
0 to 9
02h
Minutes
EMON 0 to 5
0 to 9
03h
Hours_xx_xx_00 0 to 9
0 to 9
04h
Hours_xx_00_xx 0 to 9
0 to 9
05h
Hours_00_xx_xx 0 to 9
0 to 9
06h
not used
-
-
-
-
-
-
-
-
07h
not used
-
-
-
-
-
-
-
-
Table 11. Time registers in stop-watch mode (RTCM = 1)
[1]
The 100th_seconds register is only available when the 100TH mode is enabled, see Section 7.13.1. When the 100TH
mode is disabled, this register always returns 0.
1. The 100th_seconds register is only available when the 100TH mode is enabled, see
Section 7.13.1. When the 100TH mode is disabled, this register always returns 0.
7.3.1 Setting and reading the time in stop-watch mode
Figure 10 shows the data flow and data dependencies starting from the 100 Hz clock tick.
During read operations, the time counting circuits (memory locations 00h through 07h)
are copied into an output register. The RTC continues counting in the background.
When reading or writing the time it is very important to make a read or write access in
one go, that is, setting or reading 100th_seconds through to HR_00_xx_xx should be
made in one single access. Failing to comply with this method could result in the time
becoming corrupted.
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
14 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com