Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/AX Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF85363ATL/AX
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/AX Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF85363ATL/AX Datasheet HTML 18Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 19Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 20Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 21Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 22Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 23Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 24Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 25Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
increments to match the alarm setting or as a permanently active signal which follows the
condition of bit A1F and/or A2F. See Section 7.9 for interrupt control.
A1F and A2F remain set until cleared by command. Once an alarm flag has been
cleared, it will only be set again when the time increments to match the alarm condition
once more.
When an interrupt pin is configured to pulse mode and if an alarm flag is not cleared and
the time increments to match the alarm condition again, then a repeated interrupt pulse
will be generated.
7.5 WatchDog
Bit
Symbol
Value
Description
WatchDog mode
0[1]
single shot
7
WDM
1
repeat mode
WatchDog register bits
0h[1] to 1Fh
Write: WatchDog counter load value
6 to 2
WDR[4:0]
0h to 1Fh
Read: current counter value
WatchDog step size (source clock)
00[1]
4 seconds (0.25 Hz)
01
1 second (1 Hz)
10
1⁄4 second (4 Hz)
1 to 0
WDS[1:0]
11
1⁄16 second (16 Hz)
Table 16. WatchDog - WatchDog control and register (address 2Dh) bit description
[1]
Default value.
7.5.1 WatchDog functions
The WatchDog has four selectable step sizes allowing for periods in the range from 62.5
ms to 124 seconds. For periods greater than 2 minutes, the alarm function can be used.
Delay
WDS[1:0] WatchDog step
size [1]
Minimum WatchDog duration
WDR = 1
Maximum WatchDog duration
WDR = 31
00
4 s
4 s
124 s
01
1 s
1 s
31 s
10
1⁄4 s
0.25 s
7.75 s
11
1⁄16 s
0.0625 s
1.9375 s
Table 17. WatchDog durations
[1]
Time periods can be affected by correction pulses.
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
22 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com