Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/AX Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF85363ATL/AX
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/AX Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF85363ATL/AX Datasheet HTML 25Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 26Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 27Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 28Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 29Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 30Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 31Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 32Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
7.7.1 Timestamps interrupts
The generation of interrupts from the timestamp functions is controlled via the timestamp
interrupt enable bits; TSRIEA and TSRIEB. These bits are in registers INTA_enable
(address 29h) and INTB_enable (address 2Ah).
The loading of new information into one of the timestamp registers can be used to
generate an interrupt at pins INTA and INTB. The interrupt may be generated as a pulsed
signal every time a timestamp register updates or as a permanently active signal which
follows the condition of timestamp flags, TSR1F to TSR3F. The timestamp flags remain
set until cleared by command.
When enabled, interrupts are triggered every time a timestamp register updates and
even if the associated flag is not cleared, an interrupt pulse can be generated.
See Section 7.9 for interrupt control.
7.8 Offset register
The PCF85363A incorporates an offset register (address 24h) which can be used to
implement several functions, such as:
• Accuracy tuning
• Aging adjustment
• Temperature compensation
Bit
Symbol
Value
Description
7 to 0
OFFSET[7:0]
see Table 24
offset value
Table 22. Offset - offset register (address 24h) bit description
There are two modes which define the correction period, normal mode and fast mode.
The
normal mode is suitable for offset trimming. The fast mode is suitable for dynamic
offset correction e.g. implementing a temperature correction. The fast mode consumes
more current. Offset mode is defined by bit OFFM in the Oscillator register (Section 7.10).
See Section 7.10.
Bit
Symbol
Value
Description
offset mode bit
0[1]
normal mode: correction is made every 4
hours; 2.170 ppm/step
6
OFFM
1
fast mode: correction is made once every 8
minutes;2.0345 ppm/step
Table 23. OFFM bit - oscillator control register (address 25h)
[1]
Default value.
For OFFM = 0, each LSB introduces an offset of 2.170 ppm. For OFFM = 1, each LSB
introduces an offset of 2.0345 ppm. The offset value is coded in two’s complement giving
a range of +127 LSB to -128 LSB, see Table 24.
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
29 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com