Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/AX Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF85363ATL/AX
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/AX Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF85363ATL/AX Datasheet HTML 8Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 9Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 10Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 11Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 12Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 13Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 14Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 15Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
7.2.4 Definition of weekdays
Definition may be reassigned by the user.
Bit
Day
2
1
0
Sunday
0
0
0
Monday
0
0
1
Tuesday
0
1
0
Wednesday
0
1
1
Thursday
1
0
0
Friday
1
0
1
Saturday
1
1
0
Table 9. Weekday assignments
7.2.5 Definition of months
Upper-digit
(ten’s place)
Digit (unit place)
Month
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
January
0
0
0
0
1
February
0
0
0
1
0
March
0
0
0
1
1
April
0
0
1
0
0
May
0
0
1
0
1
June
0
0
1
1
0
July
0
0
1
1
1
August
0
1
0
0
0
September
0
1
0
0
1
October
1
0
0
0
0
November
1
0
0
0
1
December
1
0
0
1
0
Table 10. Month assignments in BCD format
7.2.6 Setting and reading the time in RTC mode
Figure 9 shows the data flow and data dependencies starting from the 100 Hz clock tick.
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
12 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com