Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/AX Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF85363ATL/AX
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/AX Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF85363ATL/AX Datasheet HTML 2Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 3Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 4Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 5Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 6Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 7Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 8Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 9Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
aaa-011067
Time and configuration
registers
RAM registers
:
Time registers
:
:
Alarm registers
:
Offset register
Single RAM byte
Watchdog
Stop and reset
:
Timestamp registers
:
:
Control registers
:
00h
07h
:
08h
10h
:
11h
23h
:
25h
2Bh
:
24h
2Ch
2Dh
2Eh
2Fh
40h
42h
:
7Dh
7Fh
:
1st RAM byte
2nd RAM byte
3rd RAM byte
62nd RAM byte
63rd RAM byte
64th RAM byte
Figure 6. Register map
All registers (see Table 4, Table 5, and Table 6) are designed as addressable 8-bit
parallel registers although not all bits are implemented. Figure 6 gives an overview of the
address map.
The 100th seconds, seconds, minutes, hours, days, months, and years as well as the
corresponding alarm registers are all coded in Binary Coded Decimal (BCD) format.
When one of the RTC registers is read, the contents of all time counters are frozen.
Therefore, faulty reading of the clock and calendar during a carry condition is prevented.
7.1 Registers organization overview
7.1.1 Time mode registers
The PCF85363A has two time mode register sets, one for the real-time clock mode and
one for the stopwatch clock mode. The access to these registers can be switched by the
RTCM bit in the Function control register (28h), see Table 6 and Table 53.
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
6 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com