Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/AX Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF85363ATL/AX
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/AX Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF85363ATL/AX Datasheet HTML 30Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 31Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 32Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 33Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 34Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 35Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 36Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 37Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
Symbol
Bit
INTA
INTB
Value
Description
alarm1 interrupt enable
0[1]
no alarm interrupt generated
4
A1IEA
A1IEB
1
alarm interrupt generated
alarm2 interrupt enable
0[1]
no alarm interrupt generated
3
A2IEA
A2IEB
1
alarm interrupt generated
timestamp register interrupt enable
0[1]
no timestamp register interrupt generated
2
TSRIEA
TSRIEB
1
timestamp register interrupt generated
battery switch interrupt enable
0[1]
no battery switch interrupt generated
1
BSIEA
BSIEB
1
battery switch interrupt generated
WatchDog interrupt enable
0[1]
no WatchDog interrupt generated
0
WDIEA
WDIEB
1
WatchDog interrupt generated
Table 28. Definition of interrupt control bits...continued
[1]
Default value.
7.9.1 ILPA/ILPB: interrupt level or pulse mode
Interrupts can be configured to generate a pulse or to send a continuous level
(permanent signal) which follows the state of the flag.
In pulse mode, an interrupt pulse is generated every time that the selected source
triggers.
Triggered means
• for periodic interrupts, every time a period has elapsed
• for offset correction, every time a correction pulse is initiated
• for alarms, every time the time increments to match the alarm time
• for timestamps, every time a register updates
• for battery switch, every time the IC switches to or from battery
• for WatchDog, every time the counter reaches the end of its count
The interrupt signal goes active coincident with the triggering event. The signal is cleared
by an internal 128 Hz clock. The internal clock is asynchronous to the triggering event
and so the pulse duration has a minimum period of one 128 Hz cycle and a maximum of
two 128 Hz cycles. Interrupt pulses may be shortened by clearing the flag before the end
of the pulse period.
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
34 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com