Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B2PR Datasheet(PDF) 39 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 39 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 35Page - Micron Technology EDBA164B2PR Datasheet HTML 36Page - Micron Technology EDBA164B2PR Datasheet HTML 37Page - Micron Technology EDBA164B2PR Datasheet HTML 38Page - Micron Technology EDBA164B2PR Datasheet HTML 39Page - Micron Technology EDBA164B2PR Datasheet HTML 40Page - Micron Technology EDBA164B2PR Datasheet HTML 41Page - Micron Technology EDBA164B2PR Datasheet HTML 42Page - Micron Technology EDBA164B2PR Datasheet HTML 43Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
Table 32: MR8 Op-Code Bit Definitions (Continued)
Feature
Type
OP
Definition
Density
Read-only
OP[5:2]
0000b: 64Mb
0001b: 128Mb
0010b: 256Mb
0011b: 512Mb
0100b: 1Gb
0101b: 2Gb
0110b: 4Gb
0111b: 8Gb
1000b: 16Gb
1001b: 32Gb
All others: Reserved
I/O width
Read-only
OP[7:6]
00b: x32
01b: x16
10b: x8
11b: not used
Table 33: MR9 Test Mode (MA[7:0] = 09h)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Vendor-specific test mode
Table 34: MR10 Calibration (MA[7:0] = 0Ah)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
S4
Calibration code
Table 35: MR10 Op-Code Bit Definitions
Notes 1–6 apply to all parameters and conditions
Feature
Type
OP
Definition
Calibration code
Write-only
OP[7:0]
0xFF: Calibration command after initialization
0xAB: Long calibration
0x56: Short calibration
0xC3: ZQRESET
All others: Reserved
Notes:
1. Host processor must not write MR10 with reserved values.
2. The device ignores calibration commands when a reserved value is written into MR10.
3. See AC timing table for the calibration latency.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Mode Register Definition
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
39
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com