Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B2PR Datasheet(PDF) 28 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 28 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 24Page - Micron Technology EDBA164B2PR Datasheet HTML 25Page - Micron Technology EDBA164B2PR Datasheet HTML 26Page - Micron Technology EDBA164B2PR Datasheet HTML 27Page - Micron Technology EDBA164B2PR Datasheet HTML 28Page - Micron Technology EDBA164B2PR Datasheet HTML 29Page - Micron Technology EDBA164B2PR Datasheet HTML 30Page - Micron Technology EDBA164B2PR Datasheet HTML 31Page - Micron Technology EDBA164B2PR Datasheet HTML 32Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 152 page
background image
Power-Up and Initialization
The device must be powered up and initialized in a predefined manner. Power-up and
initialization by means other than those specified will result in undefined operation.
Voltage Ramp and Device Initialization
The following sequence must be used to power up the device. Unless specified other-
wise, this procedure is mandatory (see the Voltage Ramp and Initialization Sequence
figure). Power-up and initialization by means other than those specified will result in
undefined operation.
1. Voltage Ramp Beginning
While applying power (after Ta), CKE must be held LOW (≤0.2 × VDD2), and all other in-
puts must be between VILmin and VIHmax. The device outputs remain at High-Z while
CKE is held LOW.
On or before the completion of the voltage ramp (Tb), CKE must be held LOW. DQ, DM,
DQS_t, and DQS_c voltage levels must be between VSSQ and VDDQ during voltage ramp
to avoid latchup. CK_t, CK_c, CS_n, and CA input levels must be between VSS and VDD2
during voltage ramp to avoid latchup.
The following conditions apply for voltage ramp:
• Ta is the point when any power supply first reaches 300mV.
• Noted conditions apply between Ta and power-down (controlled or uncontrolled).
• Tb is the point at which all supply and reference voltages are within their defined op-
erating ranges.
• Power ramp duration tINIT0 (Tb - Ta) must not exceed 20ms.
• For supply and reference voltage operating conditions, see the Recommended DC
Operating Conditions table.
• The voltage difference between any of VSS, and VSSQ pins must not exceed 100mV.
2. Voltage Ramp Completion
After Ta is reached:
•VDD1 must be greater than VDD2 - 200mV
•VDD1 and VDD2 must be greater than VDDQ - 200mV
•VREF must always be less than all other supply voltages
Beginning at Tb, CKE must remain LOW for at least tINIT1 = 100ns, after which CKE can
be asserted HIGH. The clock must be stable at least tINIT2 = 5 × tCK prior to the first
CKE LOW-to-HIGH transition (Tc). CKE, CS_n, and CA inputs must observe setup and
hold requirements (tIS, tIH) with respect to the first rising clock edge (and to subse-
quent falling and rising edges).
If any MRRs are issued, the clock period must be within the range defined for tCKb
(18ns to 100ns). MRWs can be issued at normal clock frequencies as long as all AC tim-
ings are met. Some AC parameters (for example, tDQSCK) could have relaxed timings
(such as tDQSCKb) before the system is appropriately configured. While keeping CKE
HIGH, NOP commands must be issued for at least tINIT3 = 200μs (Td).
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Power-Up and Initialization
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
28
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com