Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B2PR Datasheet(PDF) 1 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 1 Page - Micron Technology

  EDBA164B2PR Datasheet HTML 1Page - Micron Technology EDBA164B2PR Datasheet HTML 2Page - Micron Technology EDBA164B2PR Datasheet HTML 3Page - Micron Technology EDBA164B2PR Datasheet HTML 4Page - Micron Technology EDBA164B2PR Datasheet HTML 5Page - Micron Technology EDBA164B2PR Datasheet HTML 6Page - Micron Technology EDBA164B2PR Datasheet HTML 7Page - Micron Technology EDBA164B2PR Datasheet HTML 8Page - Micron Technology EDBA164B2PR Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
LPDDR2 SDRAM
EDB8164B4PR, EDB8164B4PK, EDB8164B4PT, EDBA164B2PR
Features
• Ultra-low-voltage core and I/O power supplies
• Frequency range
– 533 MHz (data rate: 1066 Mb/s/pin)
•4n prefetch DDR architecture
• 8 internal banks for concurrent operation
• Multiplexed, double data rate, command/address
inputs; commands entered on each CK_t/CK_c
edge
• Bidirectional/differential data strobe per byte of
data (DQS_t/DQS_c)
• Programmable READ and WRITE latencies (RL/WL)
• Burst length: 4, 8, and 16
• Per-bank refresh for concurrent operation
• Auto temperature-compensated self refresh
(ATCSR) by built-in temperature sensor
• Partial-array self refresh (PASR)
• Deep power-down mode (DPD)
• Selectable output drive strength (DS)
• Clock-stop capability
• Lead-free (RoHS-compliant) and halogen-free
packaging
Table 1: Key Timing Parameters
Speed
Grade
Clock Rate
(MHz)
Data Rate
(Mb/s/pin)
RL
WL
1D
533
1066
8
4
Options
Marking
• Density/Page Size
– 8Gb/2-CS – dual die
81
– 16Gb/4-CS – quad die
A1
• Organization
– x64
64
•VDD1/VDD2/VDDQ: 1.8V/1.2V/1.2V
B
• Revision
– Dual die
4
– Quad die
2
• FBGA “green” package
– 12mm x 12mm x 0.8mm, 216-ball
PoP FBGA package, dual die
PR
– 12mm x 12mm x 0.8mm, 216-ball
PoP FBGA package, dual die
PT
– 12mm x 12mm x 1.0mm, 216-ball
PoP FBGA package, quad die
PR
– 14mm x 14mm x 0.7mm, 220-ball
PoP FBGA package, dual die
PK
• Timing – cycle time
– 1.875ns @ RL = 8
-1D
• Special options
– Non-Automotive
blank
• Operating temperature range
– From –30°C to +85°C
blank
– From –40°C to +85°C
IT
– From –40°C to +105°C
AT
Table 2: S4 Configuration Addressing
Architecture
128 Meg x 64
256 Meg x 64
Die configuration
16 Meg x 32 x 8 banks x 2 channel
32 Meg x 32 x 8 banks x 2 channel
Row addressing
16K A[13:0]
16K A[13:0]
Column addressing
1K A[9:0]
1K A[9:0]
Number of die
2
4
Die per rank
1
2
Ranks per channel
1
2
Note:
1. A channel is a complete LPDRAM interface, including command/address and data pins.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Features
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
1
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.
Products and specifications discussed herein are subject to change by Micron without notice.


Similar Part No. - EDBA164B2PR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
EDB05S THINKISEMI-EDB05S Datasheet
462Kb / 8P
THINKISEMIS FAST RECOVERY TYPE MINIATURE SURFACE MOUNT BRIDGE RECTIFIERS
20210604-V2
logo
Rectron Semiconductor
EDB101 RECTRON-EDB101 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
EDB101 BILIN-EDB101 Datasheet
92Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
EDB101 RECTRON-EDB101 Datasheet
229Kb / 4P
GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
EDB101 LUGUANG-EDB101 Datasheet
165Kb / 2P
Silicon Bridge Rectifiers
More results

Similar Description - EDBA164B2PR

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
Ball Bearing
logo
Nanya Technology Corpor...
NT6TL64M16BQ NANYA-NT6TL64M16BQ Datasheet
4Mb / 156P
Commercial and Industrial Mobile LPDDR2 1Gb SDRAM
NT6TL64M32CX NANYA-NT6TL64M32CX Datasheet
4Mb / 152P
Commercial Mobile LPDDR2 2Gb SDRAM
logo
Festo Corporation.
1692198 FESTO-1692198 Datasheet
87Kb / 2P
Ball valve
11/22/21
1692201 FESTO-1692201 Datasheet
86Kb / 2P
Ball valve
11/22/21
1692202 FESTO-1692202 Datasheet
88Kb / 2P
Ball valve
11/22/21
4405650 FESTO-4405650 Datasheet
94Kb / 2P
Ball valve
11/23/21
4405653 FESTO-4405653 Datasheet
94Kb / 2P
Ball valve
11/23/21
4405690 FESTO-4405690 Datasheet
86Kb / 2P
Ball valve
11/23/21
logo
Micron Technology
EDB8132B4PB-8D-F-R MICRON-EDB8132B4PB-8D-F-R Datasheet
1Mb / 146P
Embedded LPDDR2 SDRAM
Rev. C 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com