Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B2PR Datasheet(PDF) 85 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 85 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 81Page - Micron Technology EDBA164B2PR Datasheet HTML 82Page - Micron Technology EDBA164B2PR Datasheet HTML 83Page - Micron Technology EDBA164B2PR Datasheet HTML 84Page - Micron Technology EDBA164B2PR Datasheet HTML 85Page - Micron Technology EDBA164B2PR Datasheet HTML 86Page - Micron Technology EDBA164B2PR Datasheet HTML 87Page - Micron Technology EDBA164B2PR Datasheet HTML 88Page - Micron Technology EDBA164B2PR Datasheet HTML 89Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 152 page
background image
2. CKE must be registered HIGH continuously during the calibration period.
3. All devices connected to the DQ bus should be High-Z during the calibration process.
ZQ External Resistor Value, Tolerance, and Capacitive Loading
To use the ZQ calibration function, a 240 ohm (±1% tolerance) external resistor must be
connected between the ZQ pin and ground. A single resistor can be used for each device
or one resistor can be shared between multiple devices if the ZQ calibration timings for
each device do not overlap. The total capacitive loading on the ZQ pin must be limited
(see the Input/Output Capacitance table).
Power-Down
Power-down is entered synchronously when CKE is registered LOW and CS_n is HIGH
at the rising edge of clock. A NOP command must be driven in the clock cycle following
power-down entry. CKE must not go LOW while MRR, MRW, READ, or WRITE opera-
tions are in progress. CKE can go LOW while any other operation such as ACTIVATE,
PRECHARGE, auto precharge, or REFRESH are in progress, but the power-down IDD
specification will not be applied until such operations are complete.
If power-down occurs when all banks are idle, this mode is referred to as idle power-
down; if power-down occurs when there is a row active in any bank, this mode is refer-
red to as active power-down.
Entering power-down deactivates the input and output buffers, excluding CK_t, CK_c,
and CKE. In power-down mode, CKE must be held LOW; all other input signals are
“Don’t Care.” CKE LOW must be maintained until tCKE is satisfied. VREFCA must be
maintained at a valid level during power-down.
VDDQ can be turned off during power-down. If VDDQ is turned off, VREFDQ must also be
turned off. Prior to exiting power-down, both VDDQ and VREFDQ must be within their re-
spective minimum/maximum operating ranges (see AC and DC Operating Conditions).
No refresh operations are performed in power-down mode. The maximum duration in
power-down mode is limited only by the refresh requirements outlined in REFRESH
Command.
The power-down state is exited when CKE is registered HIGH. The controller must drive
CS_n HIGH in conjunction with CKE HIGH when exiting the power-down state. CKE
HIGH must be maintained until tCKE is satisfied. A valid, executable command can be
applied with power-down exit latency tXP after CKE goes HIGH. Power-down exit laten-
cy is defined in the AC Timing section.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Power-Down
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
85
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com