Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B2PR Datasheet(PDF) 24 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 24 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 20Page - Micron Technology EDBA164B2PR Datasheet HTML 21Page - Micron Technology EDBA164B2PR Datasheet HTML 22Page - Micron Technology EDBA164B2PR Datasheet HTML 23Page - Micron Technology EDBA164B2PR Datasheet HTML 24Page - Micron Technology EDBA164B2PR Datasheet HTML 25Page - Micron Technology EDBA164B2PR Datasheet HTML 26Page - Micron Technology EDBA164B2PR Datasheet HTML 27Page - Micron Technology EDBA164B2PR Datasheet HTML 28Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 152 page
background image
Ball Descriptions
The ball/pad description table below is a comprehensive list of signals for the device
family. All signals listed may not be supported on this device. See Ball Assignments for
information specific to this device.
Table 9: Ball/Pad Descriptions
Symbol
Type
Description
CA[9:0]_A,
CA[9:0]_B
Input
Command/address inputs: Provide the command and address inputs according to the
command truth table. A separate CA[9:0] is provided for each channel (A and B).
CK_t_A, CK_t_B
CK_c_A, CK_c_B
Input
Clock: Differential clock inputs. All CA inputs are sampled on both rising and falling
edges of CK. CS and CKE inputs are sampled at the rising edge of CK. AC timings are
referenced to clock. A separate CK_t/CK_c is provided for each channel (A and B).
CKE[1:0]_A,
CKE[1:0]_B
Input
Clock enable: CKE HIGH activates and CKE LOW deactivates the internal clock signals,
input buffers, and output drivers. Power-saving modes are entered and exited via CKE
transitions. CKE is considered part of the command code. CKE is sampled on the rising
edge of CK. A separate CKE is provided for each channel (A and B).
CS[1:0]_n_A,
CS[1:0]_n_B
Input
Chip select: Considered part of the command code and is sampled on the rising edge
of CK. A separate CS_n is provided for each channel (A and B).
DM[3:0]_A,
DM[3:0]_B
Input
Input data mask: Input mask signal for write data. Although DM balls are input-only,
the DM loading is designed to match that of DQ and DQS balls. DM[3:0] is DM for each
of the four data bytes, respectively. A separate DM[3:0] is provided for each channel (A
and B).
DQ[31:0]_A,
DQ[31:0]_B
I/O
Data input/output: Bidirectional data bus. A separate DQ[11:0] is provided for each
channel (A and B).
DQS[3:0]_t_A,
DQS[3:0]_t_B,
DQS[3:0]_c_A,
DQS[3:0]_c_B
I/O
Data strobe: Bidirectional (used for read and write data) and complementary (DQS_t
and DQS_c). It is edge-aligned output with read data and centered input with write da-
ta. DQS[3:0]_t/DQS[3:0]_c is DQS for each of the four data bytes, respectively. A sepa-
rate DQS[3:0]_t and DQS[3:0]_c is provided for each channel (A and B).
VDDQ_A, VDDQ_B
Supply
DQ power supply: Isolated on the die for improved noise immunity.
VSSQ_A/B
Supply
DQ ground: Isolated on the die for improved noise immunity.
VDD1 _A/B
Supply
Core power: Supply 1.
VDD2_A/B
Supply
Core power: Supply 2.
VSS_A/B
Supply
Common ground.
VREFCA_A, VREFCA_B
VREFDQ_A, VREFDQ_B
Supply
Reference voltage: VREFCA is reference for command/address input buffers, VREFDQ is
reference for DQ input buffers. A separate VREFCA and VREFDQ provided for each channel
(A and B).
ZQ_A, ZQ_B
Reference
External reference ball for output drive calibration: This ball is tied to an external
240
Ω resistor (RZQ), which is tied to V
SSQ. A separate ZQ is provided for each channel (A
and B).
NU
–
Not usable: Do not connect.
NC
–
No connect: Not internally connected.
(NC)
–
No connect: Balls indicated as (NC) are no connects; however, they could be connected
together internally.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Ball Descriptions
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
24
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com