Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B2PR Datasheet(PDF) 34 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 34 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 30Page - Micron Technology EDBA164B2PR Datasheet HTML 31Page - Micron Technology EDBA164B2PR Datasheet HTML 32Page - Micron Technology EDBA164B2PR Datasheet HTML 33Page - Micron Technology EDBA164B2PR Datasheet HTML 34Page - Micron Technology EDBA164B2PR Datasheet HTML 35Page - Micron Technology EDBA164B2PR Datasheet HTML 36Page - Micron Technology EDBA164B2PR Datasheet HTML 37Page - Micron Technology EDBA164B2PR Datasheet HTML 38Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 152 page
background image
Table 16: MR1 Op-Code Bit Definitions (Continued)
Feature
Type
OP
Definition
Notes
BT = burst type
Write-only
OP3
0b: Sequential (default)
1b: Interleaved
WC = wrap control
Write-only
OP4
0b: Wrap (default)
1b: No wrap (allowed for BL4 only)
nWR = number of tWR clock
cycles
Write-only
OP[7:5]
001b: nWR = 3 (default)
2
010b: nWR = 4
011b: nWR = 5
100b: nWR = 6
101b: nWR = 7
110b: nWR = 8
All others: Reserved
Notes:
1. BL16, interleaved is not an official combination to be supported.
2. The programmed value in nWR register is the number of clock cycles that determines
when to start internal precharge operation for a WRITE burst with AP enabled. It is de-
termined by RU (tWR/tCK).
Table 17: Burst Sequence by Burst Length (BL), Burst Type (BT), and Wrap Control (WC)
Notes 1–5 apply to all parameters and conditions
BL
BT
C3
C2
C1
C0
WC
Burst Cycle Number and Burst Address Sequence
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
4
Any
X
X
0b
0b
Wrap
0123
X
X
1b
0b
2301
Any
X
X
X
0b
No
wrap
yy +
1
y +
2
y +
3
8
Seq
X
0b
0b
0b
Wrap
01234567
X
0b
1b
0b
23456701
X
1b
0b
0b
45670123
X
1b
1b
0b
67012345
Int
X
0b
0b
0b
01234567
X
0b
1b
0b
23016745
X
1b
0b
0b
45670123
X
1b
1b
0b
67452301
Any
X
X
X
0b
No
wrap
Illegal (not supported)
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Mode Register Definition
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
34
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com