Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B2PR Datasheet(PDF) 32 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 32 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 28Page - Micron Technology EDBA164B2PR Datasheet HTML 29Page - Micron Technology EDBA164B2PR Datasheet HTML 30Page - Micron Technology EDBA164B2PR Datasheet HTML 31Page - Micron Technology EDBA164B2PR Datasheet HTML 32Page - Micron Technology EDBA164B2PR Datasheet HTML 33Page - Micron Technology EDBA164B2PR Datasheet HTML 34Page - Micron Technology EDBA164B2PR Datasheet HTML 35Page - Micron Technology EDBA164B2PR Datasheet HTML 36Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 152 page
background image
Table 12: Mode Register Assignments
Notes 1–5 apply to all parameters and conditions
MR#
MA[7:0]
Function
Access
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Link
0
00h
Device info
R
RFU
RZQI
RFU
DI
DAI
go to MR0
1
01h
Device feature 1
W
nWR (for AP)
WC
BT
BL
go to MR1
2
02h
Device feature 2
W
RFU
RL and WL
go to MR2
3
03h
I/O config-1
W
RFU
DS
go to MR3
4
04h
SDRAM refresh
rate
R
TUF
RFU
Refresh rate
go to MR4
5
05h
Basic config-1
R
LPDDR2 Manufacturer ID
go to MR5
6
06h
Basic config-2
R
Revision ID1
go to MR6
7
07h
Basic config-3
R
Revision ID2
go to MR7
8
08h
Basic config-4
R
I/O width
Density
Type
go to MR8
9
09h
Test mode
W
Vendor-specific test mode
go to MR9
10
0Ah
I/O calibration
W
Calibration code
go to MR10
11–15
0Bh
≈ 0Fh
Reserved
–
RFU
go to MR11
16
10h
PASR_Bank
W
Bank mask
go to MR16
17
11h
PASR_Seg
W
Segment mask
go to MR17
18–31
12h–1Fh
Reserved
–
RFU
go to MR18
32
20h
DQ calibration
pattern A
R
See Data Calibration Pattern Description table
go to MR32
33–39
21h–27h
Do not use
go to MR33
40
28h
DQ calibration
pattern B
R
See Data Calibration Pattern Description table
go to MR40
41–47
29h–2Fh
Do not use
go to MR41
48–62
30h–3Eh
Reserved
–
RFU
go to MR48
63
3Fh
RESET
W
X
go to MR63
64–126
40h–7Eh
Reserved
–
RFU
go to MR64
127
7Fh
Do not use
go to MR127
128–190
80h–BEh
Reserved for vendor use
RVU
go to MR128
191
BFh
Do not use
go to MR191
192–254
C0h–FEh
Reserved for vendor use
RVU
go to MR192
255
FFh
Do not use
go to MR255
Notes:
1. RFU bits must be set to 0 during MRW.
2. RFU bits must be read as 0 during MRR.
3. For READs to a write-only or RFU register, DQS will be toggled and undefined data is
returned.
4. RFU mode registers must not be written.
5. WRITEs to read-only registers must have no impact on the functionality of the device.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Mode Register Definition
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
32
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com