Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 131 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 131 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 127Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 128Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 129Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 130Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 131Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 132Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 133Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 134Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 135Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 152 page
background image
Refresh Requirements Parameters
Table 90: Refresh Requirement Parameters (Per Density)
Parameter
Symbol
64Mb
128Mb 256Mb 512Mb
1Gb
2Gb
4Gb
8Gb
Unit
Number of banks
44448888
Refresh window: TCASE ≤ 85˚
tREFW
32
32
32
32
32
32
32
32
ms
Refresh window:
85˚C < TCASE ≤ 105˚C
tREFW
88888888
ms
Required number of REFRESH
commands (MIN)
R
2048
2048
4096
4096
4096
8192
8192
8192
Average time be-
tween REFRESH com-
mands (for reference
only) TCASE ≤ 85˚C
REFab
tREFI
15.6
15.6
7.8
7.8
7.8
3.9
3.9
3.9
μs
REFpb
tREFIpb
(REFpb not supported below 1Gb)
0.975
0.4875
0.4875
0.4875
μs
Refresh cycle time
tRFCab
90
90
90
90
130
130
130
210
ns
Per-bank REFRESH cycle time
tRFCpb
na
60
60
60
90
ns
Burst REFRESH window =
4 × 8 × tRFCab
tREFBW
2.88
2.88
2.88
2.88
4.16
4.16
4.16
6.72
μs
AC Timing
Table 91: AC Timing
Notes 1–2 apply to all parameters and conditions. AC timing parameters must satisfy the tCK minimum conditions (in mul-
tiples of tCK) as well as the timing specifications when values for both are indicated.
Parameter
Symbol
Min/
Max
tCK
Min
Data Rate
Unit Notes
1066
933
800
667
533
400
333
Maximum frequency
–
–
533
466
400
333
266
200
166
MHz
Clock Timing
Average clock period
tCK(avg)
MIN
–
1.875
2.15
2.5
3
3.75
5
6
ns
MAX
–
100
100
100
100
100
100
100
Average HIGH pulse width
tCH(avg)
MIN
–
0.45
0.45
0.45
0.45
0.45
0.45
0.45
tCK
(avg)
MAX
–
0.55
0.55
0.55
0.55
0.55
0.55
0.55
Average LOW pulse width
tCL(avg)
MIN
–
0.45
0.45
0.45
0.45
0.45
0.45
0.45
tCK
(avg)
MAX
–
0.55
0.55
0.55
0.55
0.55
0.55
0.55
Absolute clock period
tCK(abs)
MIN
–
tCK(avg)min ± tJIT(per)min
ps
Absolute clock HIGH pulse width
(with allowed jitter)
tCH(abs),
allowed
MIN
–
0.43
0.43
0.43
0.43
0.43
0.43
0.43
tCK
(avg)
MAX
–
0.57
0.57
0.57
0.57
0.57
0.57
0.57
Absolute clock LOW pulse width
(with allowed jitter)
tCL(abs),
allowed
MIN
–
0.43
0.43
0.43
0.43
0.43
0.43
0.43
tCK
(avg)
MAX
–
0.57
0.57
0.57
0.57
0.57
0.57
0.57
Clock period jitter
(with supported jitter)
tJIT(per),
allowed
MIN
–
-90
-95
-100
-110
-120
-140
-150
ps
MAX
–
90
95
100
110
120
140
150
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Refresh Requirements Parameters
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
131
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com