Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 135 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 135 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 131Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 132Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 133Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 134Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 135Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 136Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 137Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 138Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 139Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 152 page
background image
Table 91: AC Timing (Continued)
Notes 1–2 apply to all parameters and conditions. AC timing parameters must satisfy the tCK minimum conditions (in mul-
tiples of tCK) as well as the timing specifications when values for both are indicated.
Parameter
Symbol
Min/
Max
tCK
Min
Data Rate
Unit Notes
1066
933
800
667
533
400
333
Mode Register Parameters
MODE REGISTER WRITE
command period
tMRW
MIN
5
5
5
5
5
5
5
5
tCK
(avg)
MODE REGISTER READ
command period
tMRR
MIN
2
2
2
2
2
2
2
2
tCK
(avg)
Core Parameters15
READ latency
RL
MIN
3
8
7
6
5
4
3
3
tCK
(avg)
WRITE latency
WL
MIN
1
4
4
3
2
2
1
1
tCK
(avg)
ACTIVATE-to-ACTIVATE
command period
tRC
MIN
–
tRAS + tRPab (with all-bank precharge),
tRAS + tRPpb (with per-bank precharge)
ns
17
CKE minimum pulse width during
SELF REFRESH (low pulse width
during SELF REFRESH)
tCKESR
MIN
3
15
15
15
15
15
15
15
ns
SELF REFRESH exit to next valid
command delay
tXSR
MIN
2
tRFCab + 10
ns
Exit power-down to next valid
command delay
tXP
MIN
2
7.5
7.5
7.5
7.5
7.5
7.5
7.5
ns
CAS-to-CAS delay
tCCD
MIN
2
2
2
2
2
2
2
2
tCK
(avg)
Internal READ to PRECHARGE
command delay
tRTP
MIN
2
7.5
7.5
7.5
7.5
7.5
7.5
7.5
ns
RAS-to-CAS delay
tRCD
MIN
3
18
18
18
18
18
18
18
ns
Row precharge time (single bank)
tRPpb
MIN
3
18
18
18
18
18
18
18
ns
Row precharge time (all banks)
tRPab
4-bank
MIN
3
18
181818181818
ns
Row precharge time (all banks)
tRPab
8-bank
MIN
3
21
212121212121
ns
Row active time
tRAS
MIN
3
42
42
42
42
42
42
42
ns
MAX
–
70
707070707070
μs
WRITE recovery time
tWR
MIN
3
15
151515151515
ns
Internal WRITE-to-READ
command delay
tWTR
MIN
2
7.5
7.5
7.5
7.5
7.5
10
10
ns
Active bank a to active bank b
tRRD
MIN
2
10
10
10
10
10
10
10
ns
Four-bank activate window
tFAW
MIN
8
50
505050505060
ns
Minimum deep power-down time
tDPD
MIN
–
500
500
500
500
500
500
500
μs
Temperature Derating16
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
AC Timing
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
135
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com