Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 132 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 132 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 128Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 129Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 130Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 131Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 132Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 133Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 134Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 135Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 136Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 152 page
background image
Table 91: AC Timing (Continued)
Notes 1–2 apply to all parameters and conditions. AC timing parameters must satisfy the tCK minimum conditions (in mul-
tiples of tCK) as well as the timing specifications when values for both are indicated.
Parameter
Symbol
Min/
Max
tCK
Min
Data Rate
Unit Notes
1066
933
800
667
533
400
333
Maximum clock jitter between
two consectuive clock cycles
(with allowed jitter)
tJIT(cc),
allowed
MAX
–
180
190
200
220
240
280
300
ps
Duty cycle jitter
(with allowed jitter)
tJIT(duty),
allowed
MIN
–
MIN ((tCH(abs),min - tCH(avg),min),
(tCL(abs),min - tCL(avg),min)) × tCK(avg)
ps
MAX
–
MAX ((tCH(abs),max - tCH(avg),max),
(tCL(abs),max - tCL(avg),max)) × tCK(avg)
Cumulative errors across 2 cycles
tERR(2per),
allowed
MIN
–
-132
-140
-147
-162
-177
-206
-221
ps
MAX
–
132
140
147
162
177
206
221
Cumulative errors across 3 cycles
tERR(3per),
allowed
MIN
–
-157
-166
-175
-192
-210
-245
-262
ps
MAX
–
157
166
175
192
210
245
262
Cumulative errors across 4 cycles
tERR(4per),
allowed
MIN
–
-175
-185
-194
-214
-233
-272
-291
ps
MAX
–
175
185
194
214
233
272
291
Cumulative errors across 5 cycles
tERR(5per),
allowed
MIN
–
-188
-199
-209
-230
-251
-293
-314
ps
MAX
–
188
199
209
230
251
293
314
Cumulative errors across 6 cycles
tERR(6per),
allowed
MIN
–
-200
-211
-222
-244
-266
-311
-333
ps
MAX
–
200
211
222
244
266
311
333
Cumulative errors across 7 cycles
tERR(7per),
allowed
MIN
–
-209
-221
-232
-256
-279
-325
-348
ps
MAX
–
209
221
232
256
279
325
348
Cumulative errors across 8 cycles
tERR(8per),
allowed
MIN
–
-217
-229
-241
-266
-290
-338
-362
ps
MAX
–
217
229
241
266
290
338
362
Cumulative errors across 9 cycles
tERR(9per),
allowed
MIN
–
-224
-237
-249
-274
-299
-349
-374
ps
MAX
–
224
237
249
274
299
349
374
Cumulative errors across 10 cycles
tERR(10per),
allowed
MIN
–
-231
-244
-257
-282
-308
-359
-385
ps
MAX
–
231
244
257
282
308
359
385
Cumulative errors across 11 cycles
tERR(11per),
allowed
MIN
–
-237
-250
-263
-289
-316
-368
-395
ps
MAX
–
237
250
263
289
316
368
395
Cumulative errors across 12 cycles
tERR(12per),
allowed
MIN
–
-242
-256
-269
-296
-323
-377
-403
ps
MAX
–
242
256
269
296
323
377
403
Cumulative errors across n = 13,
14, 15…, 49, 50 cycles
tERR(nper),
allowed
MIN
tERR(nper),allowed,min = (1 + 0.68ln(n)) ×
tJIT(per),allowed,min
ps
MAX
tERR(nper), allowed,max = (1 + 0.68ln(n)) ×
tJIT(per),allowed,max
ZQ Calibration Parameters
Initialization calibration time
tZQINIT
MIN
–
1
1
1
1
1
1
1
μs
Long calibration time
tZQCL
MIN
6
360
360
360
360
360
360
360
ns
Short calibration time
tZQCS
MIN
6
90
90
90
90
90
90
90
ns
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
AC Timing
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
132
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com