Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # BLE113
Description  BLE113 with integrated chip antenna
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE113 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button BLE113 Datasheet HTML 4Page - Silicon Laboratories BLE113 Datasheet HTML 5Page - Silicon Laboratories BLE113 Datasheet HTML 6Page - Silicon Laboratories BLE113 Datasheet HTML 7Page - Silicon Laboratories BLE113 Datasheet HTML 8Page - Silicon Laboratories BLE113 Datasheet HTML 9Page - Silicon Laboratories BLE113 Datasheet HTML 10Page - Silicon Laboratories BLE113 Datasheet HTML 11Page - Silicon Laboratories BLE113 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Bluegiga Technologies Oy
Page 8 of 30
PIN
NUMBER
PIN NAME PIN TYPE
DESCRIPTION
9
P2_2
10
P2_1
11
P2_0
12
P1_7
13
P1_6
19
P1_5
20
P1_4
21
P1_3
22
P1_2
26
P0_7
27
P0_6
28
P0_5
29
P0_4
30
P0_3
31
P0_2
32
P0_1
33
P0_0
23
P1_1
24
P1_0
14
SCL
I2C clock or digital I/O
Can be used as I2C clock pin or digital I/O. Leave
floating if not used. If grounded disable pull up.
15
SDA
I2C data or digital I/O
Can be used as I2C data pin or digital I/O. Leave
floating if not used. If grounded disable pull up.
Configurable I/O port, See table 3
Digital I/O
Configurable I/O port with 20mA driving
capability, See table 3
Digital I/O
Table 2:
Terminal Descriptions
*)BLE113 is configurable as either SPI master or SPI slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com