Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # BLE113
Description  BLE113 with integrated chip antenna
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE113 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button BLE113 Datasheet HTML 6Page - Silicon Laboratories BLE113 Datasheet HTML 7Page - Silicon Laboratories BLE113 Datasheet HTML 8Page - Silicon Laboratories BLE113 Datasheet HTML 9Page - Silicon Laboratories BLE113 Datasheet HTML 10Page - Silicon Laboratories BLE113 Datasheet HTML 11Page - Silicon Laboratories BLE113 Datasheet HTML 12Page - Silicon Laboratories BLE113 Datasheet HTML 13Page - Silicon Laboratories BLE113 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Bluegiga Technologies Oy
Page 10 of 30
2.1 I/O Ports
Each I/O port can be configured as an input or output. When configured as input, each I/O port, except pins
P1_0 and P1_1, can also be configured with internal pull-up, pull-down or tri-state. Pull-down or pull-up can
only be configured to whole port, not individual pins. Unused I/O pins should have defined level and not be
floating. See the Profile Toolkit developer guide for more information about the configuration.
During reset the I/O pins are configured as inputs with pull-ups. P1_0 and P1_1 are inputs but do not have
pull-up or pull-down.
2.2 UART
UART baud rate can be configured up 2 Mbps. See the Profile Toolkit developer guide for more information.
Following table lists commonly used baud rates for BLE113
Baud rate (bps)
Error (%)
2400
0.14
4800
0.14
9600
0.14
14 400
0.03
19 200
0.14
28 800
0.03
38 400
0.14
57 600
0.03
76 800
0.14
115 200
0.03
230 400
0.03
Table 4: Commonly used baud rates for BLE113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com