Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # BLE113
Description  BLE113 with integrated chip antenna
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE113 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button BLE113 Datasheet HTML 12Page - Silicon Laboratories BLE113 Datasheet HTML 13Page - Silicon Laboratories BLE113 Datasheet HTML 14Page - Silicon Laboratories BLE113 Datasheet HTML 15Page - Silicon Laboratories BLE113 Datasheet HTML 16Page - Silicon Laboratories BLE113 Datasheet HTML 17Page - Silicon Laboratories BLE113 Datasheet HTML 18Page - Silicon Laboratories BLE113 Datasheet HTML 19Page - Silicon Laboratories BLE113 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Bluegiga Technologies Oy
Page 16 of 30
3 Physical Dimensions
Figure 7: Physical dimensions and pinout (top view)
15.73 mm (+/-0.1mm)
0.3 mm
0.85 mm
5.53 mm
9.6 mm
0.6 mm
0.6 mm
Figure 8: Physical dimensions (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com