Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # BLE113
Description  BLE113 with integrated chip antenna
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE113 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button BLE113 Datasheet HTML 18Page - Silicon Laboratories BLE113 Datasheet HTML 19Page - Silicon Laboratories BLE113 Datasheet HTML 20Page - Silicon Laboratories BLE113 Datasheet HTML 21Page - Silicon Laboratories BLE113 Datasheet HTML 22Page - Silicon Laboratories BLE113 Datasheet HTML 23Page - Silicon Laboratories BLE113 Datasheet HTML 24Page - Silicon Laboratories BLE113 Datasheet HTML 25Page - Silicon Laboratories BLE113 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Bluegiga Technologies Oy
Page 22 of 30
6 Soldering Recommendations
BLE113 is compatible with industrial standard reflow profile for Pb-free solders. The reflow profile used is
dependent on the thermal mass of the entire populated PCB, heat transfer efficiency of the oven and
particular type of solder paste used. Consult the datasheet of particular solder paste for profile configurations.
Bluegiga Technologies will give following recommendations for soldering the module to ensure reliable solder
joint and operation of the module after soldering. Since the profile used is process and layout dependent, the
optimum profile should be studied case by case. Thus following recommendation should be taken as a
starting point guide.
-
Refer to technical documentations of particular solder paste for profile configurations
-
Avoid using more than one flow.
-
Reliability of the solder joint and self-alignment of the component are dependent on the solder volume.
Minimum of 150
m stencil thickness is recommended.
-
Aperture size of the stencil should be 1:1 with the pad size.
-
A
low residue, “no clean” solder paste should be used due to low mounted height of the component.
Figure 16: Reference reflow profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com