Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # BLE113
Description  BLE113 with integrated chip antenna
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE113 Datasheet(HTML) 3 Page - Silicon Laboratories

  BLE113 Datasheet HTML 1Page - Silicon Laboratories BLE113 Datasheet HTML 2Page - Silicon Laboratories BLE113 Datasheet HTML 3Page - Silicon Laboratories BLE113 Datasheet HTML 4Page - Silicon Laboratories BLE113 Datasheet HTML 5Page - Silicon Laboratories BLE113 Datasheet HTML 6Page - Silicon Laboratories BLE113 Datasheet HTML 7Page - Silicon Laboratories BLE113 Datasheet HTML 8Page - Silicon Laboratories BLE113 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Bluegiga Technologies Oy
VERSION HISTORY
Version
Comment
0.1
Draft
0.2
Confidential watermark added
0.3
Marketing information updated
0.4
Current consumption, recommended land pattern, layout guide, example
schematic, antenna characteristics
0.5
Minor changes
0.51
Absolute maximum ratings: all supply nets must have the same voltage
0.52
Pin dimensions and recommended land pattern
0.53
FCC and IC statements
0.54
TXP vs HW config setting
0.55
Dimensions
0.56
CE, MIC Japan, KCC
0.57
Chapter 2.1 rephrased
0.58
Missing dimensions added to Figure 7
1.0
Preliminary datasheet -> production datasheet. No changes
1.1
Pull-up resistors added to P1_0 and P1_1 in the example schematic
1.2
5 mm restriction removed from the FCC statement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com