Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # BLE113
Description  BLE113 with integrated chip antenna
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE113 Datasheet(HTML) 1 Page - Silicon Laboratories

  BLE113 Datasheet HTML 1Page - Silicon Laboratories BLE113 Datasheet HTML 2Page - Silicon Laboratories BLE113 Datasheet HTML 3Page - Silicon Laboratories BLE113 Datasheet HTML 4Page - Silicon Laboratories BLE113 Datasheet HTML 5Page - Silicon Laboratories BLE113 Datasheet HTML 6Page - Silicon Laboratories BLE113 Datasheet HTML 7Page - Silicon Laboratories BLE113 Datasheet HTML 8Page - Silicon Laboratories BLE113 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
BLE113
DATA SHEET
Wednesday, 27 November 2013
Version 1.2


Similar Part No. - BLE113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLE113 ETC2-BLE113 Datasheet
999Kb / 30P
Bluetooth v. 4.0, single mode compliant
More results

Similar Description - BLE113

ManufacturerPart #DatasheetDescription
logo
Rohm
BP3595 ROHM-BP3595 Datasheet
301Kb / 1P
Compact Wireless LAN Module with Integrated Antenna
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
logo
List of Unclassifed Man...
AW24MCHL-H2 ETC2-AW24MCHL-H2 Datasheet
504Kb / 13P
2.4GHz DSSS Micro Radio Module with Integrated Antenna
logo
Infineon Technologies A...
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
BGSF18DM20 INFINEON-BGSF18DM20 Datasheet
1Mb / 17P
SP8T Antenna Switch Module with integrated SPI controller
Revision 2.4, 2013-05-31
logo
Silicon Laboratories
BRD4151A SILABS-BRD4151A Datasheet
603Kb / 18P
Integrated PCB antenna
BRD4153A SILABS-BRD4153A Datasheet
603Kb / 18P
Integrated PCB antenna
logo
Quectel Wireless Soluti...
L80 QUECTEL-L80 Datasheet
1Mb / 2P
Compact GPS Module Integrated with Patch Antenna
L80-R QUECTEL-L80-R Datasheet
1Mb / 2P
Compact GPS Module Integrated with Patch Antenna
logo
AUREL S.p.A.
650201460G AUREL-650201460G Datasheet
1Mb / 1P
433 MHz ASK transmitter with integrated antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com