Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # BLE113
Description  BLE113 with integrated chip antenna
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE113 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button BLE113 Datasheet HTML 7Page - Silicon Laboratories BLE113 Datasheet HTML 8Page - Silicon Laboratories BLE113 Datasheet HTML 9Page - Silicon Laboratories BLE113 Datasheet HTML 10Page - Silicon Laboratories BLE113 Datasheet HTML 11Page - Silicon Laboratories BLE113 Datasheet HTML 12Page - Silicon Laboratories BLE113 Datasheet HTML 13Page - Silicon Laboratories BLE113 Datasheet HTML 14Page - Silicon Laboratories BLE113 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Bluegiga Technologies Oy
Page 11 of 30
2.3 Electrical Characteristics
2.4 Absolute Maximum Ratings
Note: These are absolute maximum ratings beyond which the module can be permanently damaged. These are not
maximum operating conditions. The maximum recommended operating conditions are in the table 6.
Min
Max
Unit
-40
85
°C
-0.3
3.9
V
VSS-0.4
VDD+0.4
V
Rating
Storage Temperature
Other Terminal Voltages
AVDD,DVDD (*
*)All supply nets must have the same voltage
Table 5: Absolute Maximum Ratings
2.5 Recommended Operating Conditions
Min
Max
Unit
-40
85
°C
2.0
3.6
V
Rating
Operating Temperature Range
AVDD, DVDD
*) Supply voltage noise should be less than 10mVpp. Excessive noise at the supply voltage will reduce the RF
performance.
Table 6: Recommended Operating Conditions
2.6 DC Characteristics
Test Conditions
Min
Typ
Max
Unit
0.5
V
2.5
V
Input equals 0V
-50
50
nA
Input equals VDD
-50
50
nA
20
k
Ω
Output load 4 mA
0.5
V
Outoput load 4 mA
2.4
V
Parameter
Logic-0 input voltage
Logic-0 output volatge, 4 mA pins
I/O pin pull-up and pull-down resistors
Logic-1 output voltage, 4 mA pins
Logic-1 input voltage
Logic-0 input current
Logic-1 input current
For detailed I/O terminal characteristic and timings refer to the CC2541 datasheet available in
(http://www.ti.com/lit/ds/symlink/cc2541.pdf)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com