Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN840 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSPIN840
Description  Compact dual brushed DC motor driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN840 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSPIN840 Datasheet HTML 2Page - STMicroelectronics STSPIN840 Datasheet HTML 3Page - STMicroelectronics STSPIN840 Datasheet HTML 4Page - STMicroelectronics STSPIN840 Datasheet HTML 5Page - STMicroelectronics STSPIN840 Datasheet HTML 6Page - STMicroelectronics STSPIN840 Datasheet HTML 7Page - STMicroelectronics STSPIN840 Datasheet HTML 8Page - STMicroelectronics STSPIN840 Datasheet HTML 9Page - STMicroelectronics STSPIN840 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Electrical data
STSPIN840
6/28
DocID031835 Rev 1
2
Electrical data
2.1
Absolute maximum ratings
2.2
Recommended operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Test condition
Value
Unit
VS
Supply voltage
-
-0.3 to 48
V
VIN
Logic input voltage
-
-0.3 to 5.5
V
VOUT,diff
Differential voltage between VSx, OUT1x, OUT2x and
SENSEx pins
-
up to 48
V
VSENSE Sense pins voltage(1)
1. SENSEA1, SENSEA2, SNSA, SENSEB1, SENSEB2, SNSB.
-
-2 to 2
V
VREFX Reference voltage input
-
-0.3 to 2
V
IOUT,RM
S
Continuous power stage output current
(each full bridge)
-1.5
Arms
Tj
Junction temperature
-
-40 to 150
°C
Tstg
Storage temperature
-
-55 to 150
°C
Table 2. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply voltage
7
-
45
V
VIN
Logic input voltage
-
5
V
VSENSE Sense pins voltage
-1
-
+1
V
VREFX Reference voltage input
0.1
-
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com