Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN840 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSPIN840
Description  Compact dual brushed DC motor driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN840 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSPIN840 Datasheet HTML 7Page - STMicroelectronics STSPIN840 Datasheet HTML 8Page - STMicroelectronics STSPIN840 Datasheet HTML 9Page - STMicroelectronics STSPIN840 Datasheet HTML 10Page - STMicroelectronics STSPIN840 Datasheet HTML 11Page - STMicroelectronics STSPIN840 Datasheet HTML 12Page - STMicroelectronics STSPIN840 Datasheet HTML 13Page - STMicroelectronics STSPIN840 Datasheet HTML 14Page - STMicroelectronics STSPIN840 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
DocID031835 Rev 1
11/28
STSPIN840
Pin connection
28
9
VS
Supply
Device supply voltage
10
VS
Supply
Device supply voltage
11
OUTB2
Power output Power bridge output side B2
12
OUTB1
Power output Power bridge output side B1
13
SENSEB2
Power output Sense output of the bridge B
14
SENSEB1
Power output Sense output of the bridge B
15
SNSB
Analog input Full bridge B current regulator sense input
16
STBY\
RESET
Logic input
Standby\Reset input.
When forced low the device enter in low consumption mode
17
ENA\
FAULTA
Logic input\
open drain
output
Logic input 5 V compliant with open drain output.
This is the full bridge A enable (when low, the power stage is
turned off) and is forced low through the integrated open-drain
MOSFET when a failure occurs.
18
ENB\
FAULTB
Logic input\
open drain
output
Logic input 5 V compliant with open drain output.
This is the full bridge B enable (when low, the power stage is
turned off) and is forced low through the integrated open-drain
MOSFET when a failure occurs.
19
PWMA
Logic input
Full bridge A PWM input
20
PHA
Logic input
Full bridge A current direction input
21
PWMB
Logic input
Full bridge B PWM input
22
PHB
Logic input
Full bridge B current direction input
23
PARALLEL
Logic input
Parallel mode input (see paragraph PARALLEL mode)
24
TOFF
Analog input Internal oscillator frequency adjustment.
Table 6. Pin description (continued)
No.
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com