Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN840 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STSPIN840
Description  Compact dual brushed DC motor driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN840 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STSPIN840 Datasheet HTML 12Page - STMicroelectronics STSPIN840 Datasheet HTML 13Page - STMicroelectronics STSPIN840 Datasheet HTML 14Page - STMicroelectronics STSPIN840 Datasheet HTML 15Page - STMicroelectronics STSPIN840 Datasheet HTML 16Page - STMicroelectronics STSPIN840 Datasheet HTML 17Page - STMicroelectronics STSPIN840 Datasheet HTML 18Page - STMicroelectronics STSPIN840 Datasheet HTML 19Page - STMicroelectronics STSPIN840 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Detailed description
STSPIN840
16/28
DocID031835 Rev 1
The choice of sense resistors value must be take into account two main issues:
The sensing resistor dissipates energy and provides dangerous negative voltages on
the SENSE pins during the current recirculation. For this reason the resistance of this
component should be kept low (using multiple resistors in parallel will help obtaining
the required power rating with standard resistors).
The lower is the RSENSE value, the higher is the peak current error due to noise on
VREF pin and to the input offset of the current sense comparator: too small values of
RSENSE must be avoided.
Figure 6. PWM current control sequence example
Note:
When the voltage on the SNSx pin exceeds the absolute ratings, a fault condition is
triggered and the respective ENx\FAULTx output is forced low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com