Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN840 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSPIN840
Description  Compact dual brushed DC motor driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN840 Datasheet(HTML) 1 Page - STMicroelectronics

  STSPIN840 Datasheet HTML 1Page - STMicroelectronics STSPIN840 Datasheet HTML 2Page - STMicroelectronics STSPIN840 Datasheet HTML 3Page - STMicroelectronics STSPIN840 Datasheet HTML 4Page - STMicroelectronics STSPIN840 Datasheet HTML 5Page - STMicroelectronics STSPIN840 Datasheet HTML 6Page - STMicroelectronics STSPIN840 Datasheet HTML 7Page - STMicroelectronics STSPIN840 Datasheet HTML 8Page - STMicroelectronics STSPIN840 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This is information on a product in full production.
May 2018
DocID031835 Rev 1
1/28
STSPIN840
Compact dual brushed DC motor driver
Datasheet
- production data
Features
 Operating voltage from 7 to 45 V
 Maximum output current 1.5 Arms
 RDSon HS + LS = 1  typ.
 Current control with adjustable OFF time
 Current sensing based on external shunt
resistors
 Full protections set
– Non-dissipative overcurrent protection
– Short-circuit protection
– Undervoltage lockout
– Thermal shutdown
 Parallel operation mode achieving single full-
bridge configuration with output IRMS = 3 Arms
and RDSon HS + LS = 500 m typ.
 Low standby current consumption
Applications
 Industrial automation and service robots
 Medical and health care
 ATM and money handling machines
 Stage lighting
 Thermal printers
 Textile and sewing machines
 Vending machines
 Office and home automation
Description
The STSPIN840 is a compact brushed DC motor
driver able to drive two bi-directional brushed DC
motors simultaneously. It integrates, in a very
small 4 x 4 mm QFN package, both the control
logic and a fully protected low RDSon dual full-
bridge power stage.
Thanks to a dedicated PARALLEL input pin the
parallel mode function can be enabled,
transforming the device in an equivalent and
more powerful single full-bridge able to deliver up
to 3Arms current at an equivalent HS + LS RDSon
of 500 m
.
The STSPIN840 embeds two independent PWM
current controllers (one for each full bridge) based
on user settable values of reference voltage and
OFF time.
The devices can be forced in a low consumption
state reducing the total current consumption down
to less than 45
A.
As with all other devices from the STSPIN family,
the STSPIN840 integrates a complete set of
protections for the power stages (non-dissipative
overcurrent, thermal shutdown, short-circuit and
undervoltage lockout) making it a bulletproof
solution for the new wave of demanding industrial
applications.
QFN 4 x 4 - 24 lead
www.st.com


Similar Part No. - STSPIN840

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN820 STMICROELECTRONICS-STSPIN820 Datasheet
585Kb / 29P
Advanced 256 microsteps integrated motor driver with step-clock and direction interface
December 2017 Rev 2
STSPIN830 STMICROELECTRONICS-STSPIN830 Datasheet
945Kb / 27P
Compact and versatile three-phase and three-sense motor driver
Rev 2 - August 2019
More results

Similar Description - STSPIN840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8870 TI1-DRV8870_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver
logo
Shenzhen Huazhimei Semi...
HM2570A HMSEMI-HM2570A Datasheet
1Mb / 10P
Single-channel brushed DC motor driver chip
HM2570B HMSEMI-HM2570B Datasheet
1Mb / 10P
Single-channel brushed DC motor driver chip
logo
Toshiba Semiconductor
TB67H450FNG TOSHIBA-TB67H450FNG Datasheet
495Kb / 22P
PWM Chopper Type DC Brushed Motor Driver
3.0
TB67H400AFTG TOSHIBA-TB67H400AFTG Datasheet
354Kb / 24P
PWM Chopper-Type Brushed DC Motor driver
2016-12-22
TB67H410FTG TOSHIBA-TB67H410FTG Datasheet
1Mb / 26P
PWM Chopper-Type Brushed DC Motor driver
2015-1-27
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
logo
Lin Eng. Inc.
CL008CN017-12-G16 LINENGINEERING-CL008CN017-12-G16 Datasheet
683Kb / 4P
CORELESS BRUSHED DC MOTOR
CL010CN017-06-64G LINENGINEERING-CL010CN017-06-64G Datasheet
355Kb / 3P
CORELESS BRUSHED DC MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com