Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN840 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSPIN840
Description  Compact dual brushed DC motor driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN840 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSPIN840 Datasheet HTML 6Page - STMicroelectronics STSPIN840 Datasheet HTML 7Page - STMicroelectronics STSPIN840 Datasheet HTML 8Page - STMicroelectronics STSPIN840 Datasheet HTML 9Page - STMicroelectronics STSPIN840 Datasheet HTML 10Page - STMicroelectronics STSPIN840 Datasheet HTML 11Page - STMicroelectronics STSPIN840 Datasheet HTML 12Page - STMicroelectronics STSPIN840 Datasheet HTML 13Page - STMicroelectronics STSPIN840 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Pin connection
STSPIN840
10/28
DocID031835 Rev 1
4
Pin connection
Figure 2. Pin connection (top view)
Note:
The exposed pad must be connected to ground.
1
2
3
4
5
6
18
24
23
22
21
20
19
7
8
9
10
11
12
17
16
15
14
13
REFA
REFB
GND
SNSA
SENSEA1
SENSEA2
ENB\ FAULTB
ENA\ FAULTA
STBY\RESET
SNSB
SENSEB1
SENSEB2
AM040367
EPAD
Table 6. Pin description
No.
Name
Type
Function
1
REFA
Analog input Reference voltage for the PWM current control circuitry (side A)
2
REFB
Analog input Reference voltage for the PWM current control circuitry (side B)
3,
EPAD
GND
Ground
Device ground
4
SNSA
Analog input Full bridge A current regulator sense input
5
SENSEA1
Power output Sense output of the bridge A
6
SENSEA2
Power output Sense output of the bridge A
7
OUTA1
Power output Power bridge output side A1
8
OUTA2
Power output Power bridge output side A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com