Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN840 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STSPIN840
Description  Compact dual brushed DC motor driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN840 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STSPIN840 Datasheet HTML 3Page - STMicroelectronics STSPIN840 Datasheet HTML 4Page - STMicroelectronics STSPIN840 Datasheet HTML 5Page - STMicroelectronics STSPIN840 Datasheet HTML 6Page - STMicroelectronics STSPIN840 Datasheet HTML 7Page - STMicroelectronics STSPIN840 Datasheet HTML 8Page - STMicroelectronics STSPIN840 Datasheet HTML 9Page - STMicroelectronics STSPIN840 Datasheet HTML 10Page - STMicroelectronics STSPIN840 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DocID031835 Rev 1
7/28
STSPIN840
Electrical data
28
2.3
Thermal data
2.4
ESD protection ratings
Table 3. Thermal data
Symbol
Parameter
Conditions
Value Unit
RthJA
Junction to ambient thermal
resistance
Natural convection, according to
JESD51-2a(1)
1. Simulated on a 76.2 x 114.3 x 1.6 mm, with vias underneath the component, 2s2p board as per standard
JEDEC (JESD51-7) in natural convection.
36.5
°C/W
RthJCtop
Junction to case thermal resistance
(top side)
Cold plate on top package, according
to JESD51-12(1)
27.6
°C/W
RthJCbot
Junction to case thermal resistance
(bottom side)
Cold plate on exposed pad,
according to JESD51-12(1)
5.9
°C/W
RthJB
Junction to board thermal
resistance
According to JESD51-8(1)
13.6
°C/W
JT
Junction to top characterization
According to JESD51-2a(1)
1°C/W
JB
Junction to board characterization
According to JESD51-2a(1)
13.7
°C/W
Table 4. ESD protection ratings
Symbol
Parameter
Conditions
Class Value Unit
HBM
Human body model
Conforming to ANSI/ESDA/JEDEC JS001
H2
2
kV
CDM
Charge device model
Conforming to ANSI/ESDA/JEDEC JS002
All pins
C2a
500
V
Conforming to ANSI/ESDA/JEDEC JS002
Corner pins only (1, 6, 7, 12, 13, 18, 19, 24)
-
750
V
MM
Machine model
Conforming to EIA/JESD22-A115-C
NC
200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com