Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN840 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSPIN840
Description  Compact dual brushed DC motor driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN840 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSPIN840 Datasheet HTML 4Page - STMicroelectronics STSPIN840 Datasheet HTML 5Page - STMicroelectronics STSPIN840 Datasheet HTML 6Page - STMicroelectronics STSPIN840 Datasheet HTML 7Page - STMicroelectronics STSPIN840 Datasheet HTML 8Page - STMicroelectronics STSPIN840 Datasheet HTML 9Page - STMicroelectronics STSPIN840 Datasheet HTML 10Page - STMicroelectronics STSPIN840 Datasheet HTML 11Page - STMicroelectronics STSPIN840 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical characteristics
STSPIN840
8/28
DocID031835 Rev 1
3
Electrical characteristics
Testing conditions: VS = 36 V, Tj = 25 °C unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
General
VSth(ON)
VS turn-on threshold
VS rising from 0 V
-
6.0
6.5
V
VSth(HYST)
VS turn-off threshold hysteresis
VS falling from 7 V
-
0.4
-
V
IS
VS supply current
No commutations
ENx = '0'
RTOFF = 10 k
-2.3
2.7
mA
No commutations
ENx = '1'
RTOFF = 10 k
-2.7
3
mA
VSTBYL
Standby low voltage
-
-
-
0.8
V
VSTBYH
Standby high voltage
-
2
-
-
V
IS, STBY
VS supply standby current
STBY = '0'
-
-
45
A
Power stage
RDSon HS+LS Total on resistance HS + LS
VS = 21 V
IOUT = 1 A
-1
1.3
VS = 21 V
IOUT = 1 A
Tj = 150 °C(1)
-1.4
1.6
IDSS
Output leakage current
OUTx = VS = 48 V
-
-
20
A
OUTx = -0.3 V
-1
-
-
VDF
Freewheeling diode forward voltage
ID = 1.5 A
-
1
-
V
trise
Rise time
VS = 21 V
-
120
-
ns
tfall
Fall time
VS = 21 V
-
60
-
ns
Logic IO
VIH
High logic level input voltage
-
2
-
-
V
VIL
Low logic level input voltage
-
-
-
0.8
V
VOL
Low logic level output voltage
IOL = 4 mA
-
-
0.3
V
VRELEASE
FAULT open drain release voltage
-
-
-
0.6
V
RSTBY
STBY pull-down resistance
-
-
60
-
k
IENx
Enable pull-down current
-
-
5
-
µA
tENxd
Enable input propagation delay
From ENx falling edge to OUTx
high impedance
-
400
-
ns
tPWM,d(ON) PWM turn-on propagation delay
(2)
-450
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com