Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMMS Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # COMMS
Description  Configurable Safety Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

COMMS Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  COMMS Datasheet HTML 1Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 2Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 3Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 4Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 5Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 6Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 7Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 8Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CERTUS
Configurable Safety Module
Type Selection
General Data
Ordering Key
Model
Type
C MM
CMM
Programmable master unit
C 8I2O
I/O expansion unit
C 8I - C 16I
Input expansion unit
C 12I - C 8TO
I/O expansion unit
C 2OSSD - C 4OSSD
Output expansion unit
C 2R - C 4R
Guided contact relay output
expansion unit.
CBT
Bus transfer expansion units
Max. number of inputs
128
Max. number of outputs
16
Max. number of expansion units 14
Max. number of expansion
units of the same type
4
Rated voltage
24VDC ± 20% Supply from
class II (LVLE)
Diagnostic and data
communication family
Expansion units for
C PDP, C DNET, C CAN,
Diagnostics and Data
C EIP, C ECAT, C PFNET,
Communication
C OMMS
Speed monitoring family
Expansion units to monitor
C PSS, C ES1T, C ES2T,
speed (PLe): zero, max and
C ES1H, C ES2H, C ES1S,
range, plus motion direction,
C ES2S
rotation/translation
Over voltage category
II
Digital Inputs
PNP active high, according
to EN 61131-2
Digital otputs
PNP active high
400mA@24VDC
Response time
Master
10,6 to 12,6ms + TInput_filter
1
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 18/03/2015
• Reducesthenumberofcomponents
(less footprint and wiring)
• Fasterelectricalcabinetconstruction
• Flexible,intuitiveandquicklogicalconfiguration
software
• Easytosetuptamper-proofsafetysystems
• Simplifiesmachinemaintenancethroughthe
ConfigurationMemoryCard,whichcanbeusedto
transfertheconfigurationprogramtoanewCERTUS
in just a few simple steps
• Idealformachinedesigners
• Certifiedtothehighestsafetylevels:SIL+,SILCL3,
PLe,Cat.4
• Upto128inputsand16OSSDpairs
• Upto14expansionunitsinadditiontotheCMM
Master,excludingrelaymodules
• Compactdesign:singlemoduledimensions
(W x H x D) 108 x 22.5 x 114.5
Product Description
CERTUS
is
the
new
Carlo
Gavazzi
modular
configurable safety system.
This new safety device
is capable of monitoring
several safety photocells,
emergency
stops,
safety
mats,
magnetic
or
mechanical
switches,
twohand
controls
etc.
Thanks to the new CERTUS
modular
structure,
it
is
possible
to
adapt
its
I/O
configuration
and functionality to the
demands of many different
applications;
making
CERTUS a highly versatile
and flexible safety system.


Similar Part No. - COMMS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
COMMAND MACOM-COMMAND Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
Keysight Technologies
COMMANDEXPERT KEYSIGHT-COMMANDEXPERT Datasheet
2Mb / 9P
Command Expert
More results

Similar Description - COMMS

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF3701 HONGFA-HF3701 Datasheet
82Kb / 4P
SAFETY RELAY MODULE
HF3701 HONGFA-HF3701 Datasheet
82Kb / 4P
SAFETY RELAY MODULE
logo
Contec Co., Ltd
CPS-SSI-4P CONTEC-CPS-SSI-4P Datasheet
367Kb / 2P
Configurable Type Sensor Module
logo
Carlo Gavazzi Holding A...
SM2H21 CARLOGAVAZZI-SM2H21 Datasheet
1Mb / 7P
Safety module SM2H21
logo
Pepperl+Fuchs Inc.
VBA-2E-KE4-ENC-S PF-VBA-2E-KE4-ENC-S Datasheet
307Kb / 2P
AS-Interface safety module
logo
Schneider Electric
XPSMCTS32 SCHNEIDER-XPSMCTS32 Datasheet
85Kb / 1P
plug-in screw connector - for XPSMC32Z configurable safety controller
Aug 10, 2019
logo
Pepperl+Fuchs Inc.
VAA-2E-KE1-S PF-VAA-2E-KE1-S Datasheet
582Kb / 4P
AS-Interface safety module
2020-09-30
VAA-2E2A-KE1-SE PF-VAA-2E2A-KE1-SE Datasheet
295Kb / 3P
AS-Interface safety module
2019-08-23
IF-SB4-01 PF-IF-SB4-01 Datasheet
563Kb / 4P
Safety control unit module
2020-09-09
logo
NHP Electrical Engineer...
1756-IB16S NHP-1756-IB16S Datasheet
603Kb / 1P
CONTROLLOGIX 16DI SAFETY MODULE
8 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com