Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMMS Datasheet(PDF) 5 Page - Carlo Gavazzi Holding AG

Part # COMMS
Description  Configurable Safety Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

COMMS Datasheet(HTML) 5 Page - Carlo Gavazzi Holding AG

  COMMS Datasheet HTML 1Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 2Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 3Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 4Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 5Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 6Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 7Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 8Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CERTUS
Configurable Safety Module
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 18/03/2015
5
CERTUS C 2R and C 4R
CERTUS C DDC
• Safetyrelaymodules
- C2R:2relays-2NO+1NCconnectableto1OSSD
pair
- C4R:4relays-4NO+2NCconnectableto2
independent OSSD pairs
• 2/4safetyrelayswith6A250VACguidedcontacts
• 1/2NCcontactsforExternalDeviceMonitoring(EDM)
• 16/24terminalpointsin22.5mm
• Expansionunitfortheconnectiontothemost
commonindustrialFieldbussystemfordiafnosticand
data communication.
•CPDP-ProfibusDP
•CDNET-DeviceNet
•CCAN-CANopen
•CEIP-EthernetIP
•CECAT-EtherCAT
•CPFNET-PROFINET
•COMMS-UniversalSerialBus
General Data
General Data
SafetyLevel
SIL 3 - SILCL 3 according
to IEC 61508 - IEC 62061
PLe - Cat. 4 according to
ISO 13849-1.
Safety relay outputs
2 NO + 1 NC 6A 250VAC
4 NO + 2 NC 6A 250VAC
Programmable signal
outputs
2 PNP - 400mA
LEDsignal
Output status
Power supply
24VDC ± 20% Supply from
class II (LVLE)
LEDsignal
Diagnostic
Power supply
24VDC ± 20% Supply from
class II (LVLE)
Electricalconnection
Removable terminal blocks,
screw contact.
Operating temperature
-10° to 55°C
Electricalconnection
Removable terminal blocks,
screw contact.
Operating temperature
-10° to 55°C
Storage temperature
-20° to 85°C
Protection rating
IP 20 for housing
IP 2X for terminal blocks
Fastening
DIN Rail fastening according
to EN 60715 standard
Dimensions (H x W x D)
108 x 22.5 x 114.5 mm
Storage temperature
-20° to 85°C
Protection rating
IP 20 for housing
IP 2X for terminal blocks
Fastening
DIN Rail fastening according
to EN 60715 standard
Dimensions (H x W x D)
108 x 22.5 x 114.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com