Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMMS Datasheet(PDF) 10 Page - Carlo Gavazzi Holding AG

Part # COMMS
Description  Configurable Safety Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

COMMS Datasheet(HTML) 10 Page - Carlo Gavazzi Holding AG

Back Button COMMS Datasheet HTML 4Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 5Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 6Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 7Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 8Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 9Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 10Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 11Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 12Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 18/03/2015
CERTUS
Configurable Safety Module
Configuration Memory Card (CMC)
CMC is a memory card supplied as an accessory to save the CERTUS configuration data for
transfer to a new CMM without using a computer.
• EachtimeCMCisused,carefullycheckthatthechosenconfigurationistheonethatwas
planned for that particular system.
• IfthefileinsidetheCMCdoesnotmachtheonecontainedintheCMM,theCMCwill
overwrite the CMM erasing definitely the old data. WARNING:
ALLDATAPREVIOUSLY
CONTAINEDINTHECMM(PASSWORDINCLUDED)WILLBEOVERWRITTEN.
• PerformagainafullyfunctionaltestofthesystemcomposedofCERTUSplusalldevices
connected to it.
C USB is an interconnection cable necessary to connect
CERTUS CMM to the PC with the CCS (CERTUS
configuration software) installed.
• ConnecttheCUSBcableonlywithCCSsoftwareinstalled:
the driver necessary to the identification of CMM is
contained in the software.
• Thecablehastwoconnectors:
1) type “A” USB connecto for the connection to the
computer
2) type “B” mini-USB connector for the connection to the
CMM module.
• ThelenghtoftheCUSBis1.8m=>DONOTUSEOTHER
CABLES OR LONGER THAN 3m.
The configuration software automatically recognises a
connected CMM module and reports it on the status bar.
Technical Data
CERTUS USB Connection Cable (C USB)
Interface module
CERTUS CMM
Connections
8 poles connector
Operating temperature
-10° to 55°C
Storage temperature
-20° to 85°C
Relative humidity
10% to 95%
Dimensions (H x W x D)
21.5 x 2 x 18mm
Technical Data
Nominalcurrent(max)
100mA
Nominalvoltage
5VDC
Connections
1 connector type “A”
1 connector type “B”
Lenght
1.8m
Type “A”
USB connector
Type “B”
mini USB connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com