Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMMS Datasheet(PDF) 7 Page - Carlo Gavazzi Holding AG

Part # COMMS
Description  Configurable Safety Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

COMMS Datasheet(HTML) 7 Page - Carlo Gavazzi Holding AG

Back Button COMMS Datasheet HTML 3Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 4Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 5Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 6Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 7Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 8Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 9Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 10Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 11Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CERTUS
Configurable Safety Module
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 18/03/2015
7
Technical Data
Interface module
CERTUS CBT1
CERTUS CBT2
Connection channels
CERTUS CBT1
1
CERTUS MC2
2
Connection
SCC 5-poles rear connector
Terminal block 16 poles.
Modules connections
Max. number of connectable
CBT=6. The possible bus
module present in the system
can be only allocated close to
the first remote CBT or to
CMM directly.
Max length of connection
<100m (each section)
Operating temperature
-10° to 55°C
Storage temperature
-20° to 85°C
Relative humidity
10% to 95%
Dimensions (H x W x D)
108 x 22.5 x 114.5 mm
CERTUS Safety Speed Monitoring (C PSS, C ES1 and C ES2)
SpeedMonitoringexpansionunitstomonitor(PLe):
• Zerospeed
• Maxspeed
• Speedrange
• Motiondirection;rotation/translation
• Allowtheconfigurationofupto4speedthresholdsfor
eachlogicoutput(axis).Eachunitintegrates2configurable
logic outputs being capable to control up to 2 independent
axes.RJ45forencoderconnections(1ofCES1,CES2of2)
andterminalblocksforconnectionofproximity(upto2
proximity switches per module).
• Inputsfrequency:Encoderupto500KHz(300KHzfor
HTL);Proximityupto5KHz.
Electrical Connection
PIN
SIGNAL
IN/OUT
FUNCTION
1
24V
OUT
24VDC Power supply
2
NODE_SEL0
OUT
Node selection
3
NODE_SEL0
OUT
4
GND
OUT
0VDC Power supply
5
PROXI1_24V
OUT
PROXIMITY 1
connections
6
PROXI_1REF
OUT
7
PROXI1 IN1 (3 wires)
IN
8
PROXI1 IN2 (4 wires)
IN
9
PROXI2_24V
OUT
PROXIMITY 2
connections
10
PROXI2_REF
OUT
11
PROXI2 IN1 (3 wires)
IN
12
PROXI2 IN2 (4 wires)
IN
13
N.C
Not connected
14
N.C
15
N.C
16
N.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com