Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMMS Datasheet(PDF) 8 Page - Carlo Gavazzi Holding AG

Part # COMMS
Description  Configurable Safety Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

COMMS Datasheet(HTML) 8 Page - Carlo Gavazzi Holding AG

Back Button COMMS Datasheet HTML 4Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 5Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 6Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 7Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 8Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 9Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 10Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 11Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 12Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 18/03/2015
CERTUS
Configurable Safety Module
Encoder Connection with RJ45 Connector (C ES1, C ES2)
PIN
COLOR
MVT
MVH
MVS
1
INPUT
BROWN
5VDC
N.C.
N.C.
2
WHITE
EXT_0V
EXT_0V
EXT_0V
3
BLUE
N.C.
N.C.
N.C.
4
GREEN
A
A
A
5
YELLOW
A
A
A
6
RED
N.C.
N.C.
N.C.
7
GREY
B
B
B
8
PINK
B
B
B
ON
RUN
INFAIL
EXTFAIL
SEL
ENC
PROX
SH
GREEN
GREEN
RED
RED
ORANGE
YELLOW
YELLOW
YELLOW
ON
Module
turned on
OFF
the module
waits for the
first CMM
OFF
Operation
OK
OFF
Operation
OK
Brings back
the
table of
signals
NODE/
SEL0/1
ON
Encoder
connected
and operative
ON
P r o x i m i t y
c o n n e c t e d
and operative
OFF
axis normal
speed range
BLINKING
configuration
does not
require INPUT
or OUTPUT
from module
BLINKING
Encoder not
c o n n e c t e d
but requested
from the
configuration
BLINK0,5s
Proximity not
conneted but
r e q u e s t e d
from the confi-
guration
BLINKING
axis in over-
speed
ON
configuration
r e q u i r e s
INPUT or
O U T P U T
from module
BLINK2s.
P r o x i m i t y
malfunction
ON
axis in stand
still



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com