Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMMS Datasheet(PDF) 6 Page - Carlo Gavazzi Holding AG

Part # COMMS
Description  Configurable Safety Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

COMMS Datasheet(HTML) 6 Page - Carlo Gavazzi Holding AG

Back Button COMMS Datasheet HTML 2Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 3Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 4Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 5Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 6Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 7Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 8Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 9Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 10Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 18/03/2015
CERTUS
Configurable Safety Module
CERTUS Bus Transfer (CBT)
Electrical Connection
Signals
CERTUS CBT is an expansion module which allows the
connection of the CMM with other expansion unit modules
placed at great distances. Up to 50m per connection.
Maximum 6 connections/system.
Through the use of a shielded cable (compatible with RS485
standard) two CBT modules placed at the desired distance
can be linked together.
Each CBT2 has two independent connection channel; the
connection of two CBT2 can be performed by wiring a
channel of your choice.
CBT1 has only one channel and must be connected as the
first or last module.
The CERTUS system units are provided with terminal blocks for the electrical connections. Each unit can have 16 or 24
terminals. Each unit also has a rear panel plug-in connector (for communication with the master and with the other expansion
units). The C 2R and C 4R are connected via terminal blocks only.
CBT1
CBT1
CMM
RS 485 shielded compatible cable
CBT2
TERMINAL
SIGNAL
TYPE
CBT1
CBT2
1
24VDC
24VDC
Power supply 24VDC
2
n.c.
n.c.
-
3
BRAIDING CH2
-
4
0VDC
n.c.
Power supply 24VDC
5
n.c.
n.c.
-
6
n.c.
n.c.
-
7
BRAIDINGCH1
n.c.
-
8
n.c.
-
9
n.c.
CH 2 - A
Be sure to connect to the corresponding
terminals of the remote CBT:
A < - > A
B < - > B
C < - > C
D < - > D
BRAIDING < - > BRAIDING
You can also connect CH1 with CH2
(CBT2)
10
n.c.
CH 2 - B
11
n.c.
CH 2 - C
12
n.c.
CH 2 - D
13
CH 1 - A
CH 1 - A
14
CH 1 - B
CH 1 - B
15
CH 1 - C
CH 1 - C
16
CH 1 - D
CH 1 - D
MEANING
LED
ON
(GREEN)
RUN
(GREEN)
INFAIL
(RED)
EXTFAIL
(RED)
INITIALTEST
ON
ON
ON
ON
NORMALOPERATION
ON
OFF >
BLINKING >
ON
OFF
Operation OK
OFF
Operation OK
INTERNALFAULTDETECTED
(Notrecoverable.Restartthesystem)
ON
OFF
BLINKING
Follows CMM
error codification
(see CERTUS
MANUAL)
OFF
FAULTDETECTEDONTERMINAL
CONNECTION(Recoverable)
ON
OFF
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com