Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMMS Datasheet(PDF) 11 Page - Carlo Gavazzi Holding AG

Part # COMMS
Description  Configurable Safety Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

COMMS Datasheet(HTML) 11 Page - Carlo Gavazzi Holding AG

Back Button COMMS Datasheet HTML 4Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 5Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 6Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 7Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 8Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 9Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 10Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 11Page - Carlo Gavazzi Holding AG COMMS Datasheet HTML 12Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CERTUS
Configurable Safety Module
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 18/03/2015
11
CERTUS Configuration Software (CCS)
CERTUS Safety Communication Connector (SCC)
The CERTUS Configuration Software (CCS) is a userfriendly
configuration tool to program the CMM in just a few simple
steps. By clicking on the functional icons it is easy to
“Drag&Drop” configurable safety functions.
The accurate functional test incorporated in the CCS,
immediately detects potential configuration errors. This
also guarantees that configuration errors do not lead to an
unsafe situation and valuable time is not lost during machine
commissioning.
In addition, the multi-level password management of CCS
gives furter security against non-authorized access to the
configuration software. Through the MONITOR I/O feature is
possibe to perform a real time monitoring of the I/Os status
and diagnostc of a working CERTUS system.
The SCC is a 5 poles connector that permits the interconnection between the CERTUS modules.
1. Connect the same number of “SCC” 5-pole rear panel connectors as the number of
units to be installed (except for the relays modules that do not need this connector).
2. Fix the train of connectors to the DIN rail: (hooking them at the top first).
THEFEMALECONNECTORMUSTBEONTHELEFT(FRONTVIEW).
3. Fasten the units to the rail, arranging the contacts on the base of the unit on the
respective connector.
4. Press the unit gently until it snaps into place.
Technical Data
Connections
5 poles
Operating temperature
-10° to 55°C
Storage temperature
-20° to 85°C
Relative humidity
10% to 95%
Dimensions (H x W x D)
36.5 x 29.2 x 20.5
Weight
5.2g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com