Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABFW311-R Datasheet(PDF) 9 Page - IDEC Corporation

Part # ABFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABFW311-R Datasheet(HTML) 9 Page - IDEC Corporation

Back Button ABFW311-R Datasheet HTML 5Page - IDEC Corporation ABFW311-R Datasheet HTML 6Page - IDEC Corporation ABFW311-R Datasheet HTML 7Page - IDEC Corporation ABFW311-R Datasheet HTML 8Page - IDEC Corporation ABFW311-R Datasheet HTML 9Page - IDEC Corporation ABFW311-R Datasheet HTML 10Page - IDEC Corporation ABFW311-R Datasheet HTML 11Page - IDEC Corporation ABFW311-R Datasheet HTML 12Page - IDEC Corporation ABFW311-R Datasheet HTML 13Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
704
www.IDEC.com
1904032203
Illuminated Stop Switches (Sub-Assembled) continued
Lenses
Style
Part Number
Standard
Engravable
Ø 29mm Head Pushlock Turn Reset
AVLW3LU-R*
AVLW3BLU-R*
Ø 40mm Head Pushlock Turn Reset
AVLW4LU-R*
AVLW4BLU-R*
Ø 40mm Head Push Pull
AYLW4LU-k
AYLW4BLU-k
1. In place of k, specify the lens color code from table on previous page.
2. *Available only in red
3. Standard lenses have ribbed pattern, Engravable lenses are smooth and include an
engravable insert.
Lamp Circuit Components
Style
Application
Part Number
Long Lamp Holder
Used with Full-size
Transformer and two
contact blocks
TW-LH2
Lead Holder
Used with TW-LH2
holder when using four
contact blocks and
transformer
HW-LH3
Transformers/Full Voltage Modules
Style
Description
Part Number
Full Size Transformer
Finger-Safe
120V AC
TW-F126B
240V AC
TW-F246B
480V AC
TW-F486B
Dummy Block with
Full Voltage Adaptor
For use
with odd
number of
contacts.
Finger-Safe
HW-DA1FBN
Full Voltage Adaptor
For use
with even
number of
contacts.
Finger-Safe
TW-DA1FB
All Transformers step down to 6V (use 6V LED).
Contact Blocks
Style
Contacts
1NO
1NC
Finger-
Safe
Spring-Up
Terminal
HW-U10-F
HW-U01-F
HW-U10R-F
(early make)
HW-U01R-F
(late break)
Dummy
Block
HW-DB
1. Dummy blocks (no contacts) are used with an odd number of contact blocks.
2. Use of early and late break contacts creates a make before break function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com