Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABFW311-R Datasheet(PDF) 38 Page - IDEC Corporation

Part # ABFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABFW311-R Datasheet(HTML) 38 Page - IDEC Corporation

Back Button ABFW311-R Datasheet HTML 33Page - IDEC Corporation ABFW311-R Datasheet HTML 34Page - IDEC Corporation ABFW311-R Datasheet HTML 35Page - IDEC Corporation ABFW311-R Datasheet HTML 36Page - IDEC Corporation ABFW311-R Datasheet HTML 37Page - IDEC Corporation ABFW311-R Datasheet HTML 38Page - IDEC Corporation ABFW311-R Datasheet HTML 39Page - IDEC Corporation ABFW311-R Datasheet HTML 40Page - IDEC Corporation ABFW311-R Datasheet HTML 41Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
733
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Dimensions continued
Panel Cut-Out
Diagram
Part
Dimension
R0.8 max.
0
+0.4
+0.2
0
30 (*1)
ø22.3
3.2
Pushbuttons
• The minimum mounting centers are applicable to switches with one layer of
contact blocks (one to two contact blocks). When two layers of contact blocks
are mounted, determine the minimum mounting centers in consideration of
convenience for wiring.
1*) ø40 mm mushroom button type: 40 mm minimum
1*) 2-position, 3-position lever selector switch: 39 mm minimum
1*) 4-position, 5-position lever selector switch: 50 mm minimum
•When high temperature is expected, take necessary measures such as securing
sufficient mounting centers or using a cooling fan.
•The 3.2 +0.20 mm recess is for preventing rotation and is not necessary when
the nameplate or anti-rotation ring is not used.
All dimensions in mm.
Pilot Light
Illuminated Pushbuttons
Selector Switches
Illuminated Selector Switches
1.The Ø 0.137” (Ø 3.5mm) recess is necessary when either the nameplate or anti-rotation ring is used.
2. *>1.404” (36mm) for 2- or 3-position.
>1.95” (50mm) for 4- or 5-position.
Accessory Dimensions
OGL-31
Anti-Rotation Ring
OLW-C
Metal Button Guard
OCW-11
Pushbutton Rubber Boot
OB-31
Mounting Hole Rubber Plug
ø22
ø27.4
0.8
ø22.5
18.6
1.6t
R42.5
15
Flush
M22P1.0
18.5
9
Extended
M22
Button
installed
Button
installed
P1.0
9
21
ø29
ø25
HW9Z-KL1
Lock-out Adaptor
AW-RP1B
Round Plastic Bezel
AW-FP1B
Round Plastic w/Full Shroud
Key hole ø8
Waterproof Rubber
Gasket 0.5t
ø50
(ID:
ø44.4)
29.5
30
Panel Thickness
0.8 to 3.2
82.5
24 (inside)
ø29
ø29
AW-QF1B
Square Full Shroud
30
Finger-Safe Cover Dimensions
APS-PVL
22.8
39.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com