Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABFW311-R Datasheet(PDF) 14 Page - IDEC Corporation

Part # ABFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABFW311-R Datasheet(HTML) 14 Page - IDEC Corporation

Back Button ABFW311-R Datasheet HTML 10Page - IDEC Corporation ABFW311-R Datasheet HTML 11Page - IDEC Corporation ABFW311-R Datasheet HTML 12Page - IDEC Corporation ABFW311-R Datasheet HTML 13Page - IDEC Corporation ABFW311-R Datasheet HTML 14Page - IDEC Corporation ABFW311-R Datasheet HTML 15Page - IDEC Corporation ABFW311-R Datasheet HTML 16Page - IDEC Corporation ABFW311-R Datasheet HTML 17Page - IDEC Corporation ABFW311-R Datasheet HTML 18Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
709
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Illuminated Pushbuttons (Assembled)
Illuminated Pushbuttons
Style
Contacts
Part Number
Momentary
Maintained
Extended Lens
Transformer
1NO-1NC
2NO
2NC
ALW2 m 11D-k
ALW2 m 20D-k
ALW2 m 02D-k
AOLW2 m 11D-k
AOLW2 m 20D-k
AOLW2 m 02D-k
Full Voltage
1NO-1NC
2NO
2NC
ALW29911D-k-l
ALW29920D-k-l
ALW29902D-k-l
AOLW29911D-k-l
AOLW29920D-k-l
AOLW29902D-k-l
Extended Lens with Full Shroud
Transformer
1NO-1NC
2NO
2NC
ALFW2 m 11D-k
ALFW2 m 20D-k
ALFW2 m 02D-k
AOLFW2 m 11D-k
AOLFW2 m 20D-k
AOLFW2 m 02D-k
Full Voltage
1NO-1NC
2NO
2NC
ALFW29911D-k-l
ALFW29920D-k-l
ALFW29902D-k-l
AOLFW29911D-k-l
AOLFW29920D-k-l
AOLFW29902D-k-l
ø29mm Mushroom Button
Transformer
1NO-1NC
2NO
2NC
ALW3 m 11D-k
ALW3 m 20D-k
ALW3 m 02D-k
AOLW3 m11D-k
AOLW3 m20D-k
AOLW3 m 02D-k
Full Voltage
1NO-1NC
2NO
2NC
ALW39911D-k-l
ALW39920D-k-l
ALW39902D-k-l
AOLW39911D-k-l
AOLW39920D-k-l
AOLW39902D-k-l
ø40mm Mushroom Button
Transformer
1NO-1NC
2NO
2NC
ALW4 m 11D-k
ALW4 m 20D-k
ALW4 m 02D-k
AOLW4 m11D-k
AOLW4 m20D-k
AOLW4 m 02D-k
Full Voltage
1NO-1NC
2NO
2NC
ALW49911D-k-l
ALW49920D-k-l
ALW49902D-k-l
AOLW49911D-k-l
AOLW49920D-k-l
AOLW49902D-k-l
Square Extended
Transformer
1NO-1NC
2NO
2NC
ALQW2B m11D-k
ALQW2B m20D-k
ALQW2B m02D-k
AOLQW2B m11D-k
AOLQW2B m20D-k
AOLQW2B m02D-k
Full Voltage
1NO-1NC
2NO
2NC
ALQW2B9911D-k-l
ALQW2B9920D-k-l
ALQW2B9902D-k-l
AOLQW2B9911D-k-l
AOLQW2B9920D-k-l
AOLQW2B9902D-k-l
1. In place of k, specify the Lens Color Code (see table). Mushroom lenses not available in yellow.
2. In place of l, specify the Full Voltage Code (lamp voltage) (see table).
3. In place of m, specify the Transformer Voltage Code (see table).
4. For sub-assembly part numbers, see next page.
5. For accessories, see page 728.
6. For dimensions, see page 730.
7. Light is independent of switch position.
8. Yellow pushbutton comes with white LED.
k
LED/Lens Color Codes
Color
Code
Amber
A
Green
G
Red
R
Blue
S
White
W
Yellow
Y
1. Mushroom lenses not
available in yellow.
2. Yellow pushbutton comes
with white LED.
l
Full Voltage Codes
Voltage
Code
6V AC/DC
6V
12V AC/DC
12V
24V AC/DC
24V
120V AC
120V
240V AC
240V
m
Transformer Voltage Codes
Voltage
Code
120VAC
126
240VAC
246
480VAC
486
Transformers step down to 6V
(use 6V LED).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com