Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABFW311-R Datasheet(PDF) 39 Page - IDEC Corporation

Part # ABFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABFW311-R Datasheet(HTML) 39 Page - IDEC Corporation

Back Button ABFW311-R Datasheet HTML 33Page - IDEC Corporation ABFW311-R Datasheet HTML 34Page - IDEC Corporation ABFW311-R Datasheet HTML 35Page - IDEC Corporation ABFW311-R Datasheet HTML 36Page - IDEC Corporation ABFW311-R Datasheet HTML 37Page - IDEC Corporation ABFW311-R Datasheet HTML 38Page - IDEC Corporation ABFW311-R Datasheet HTML 39Page - IDEC Corporation ABFW311-R Datasheet HTML 40Page - IDEC Corporation ABFW311-R Datasheet HTML 41Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
734
www.IDEC.com
1904032203
Component Construction and General Instructions — TW Series
Instructions for Switches and Pilot Devices
TW Series: Adjustment for Panel Thickness
The panel thickness ring provides adjustment from 0.04” to 0.24” (1 to 6mm)
in 0.004” (0.1mm) increments. Rotate the ring until the markings around the
periphery are aligned for the desired thickness, as shown below.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
Scale on Adjustment (in 0.1 mm)
0.1 mm
1
2
4
6
3
5
1 mm Panel Thickness Scale
(in 1 mm on the operator)
A
3
5
4
3
5
4
6
6
2
Ex. Panel thickness 2 mm
Ex. Panel thickness 2.6 mm
Note: When a nameplate
or an anti-rotation ring
is used, add 0.03”
(0.8mm) to the panel
thickness dimension.
An adjustment for panel thicknesses shown below can be made quickly by using
the contact block remover tool.
1.6mm
2.3mm
3.5mm
1mm
2mm
3.2mm
Contact Block Removal Tool
Panel Thickness
Adjustment Ring
Contact Block
Removal Tool
(TW-KC1)
Bezel
Option:
Nameplate
Operator
Waterproof Lens
(Round lens used on
square pushbuttons
and pilot lights only)
,
Base
Contact
Block
Full Voltage
Adaptor:
Full Size
Transformer:
Options
Lead
Holder
Lamp Holder
LED
Adjustment Ring
Panel Thickness
Waterproof
Gasket
(Panel)
Lens or Button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com