Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABFW311-R Datasheet(PDF) 28 Page - IDEC Corporation

Part # ABFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABFW311-R Datasheet(HTML) 28 Page - IDEC Corporation

Back Button ABFW311-R Datasheet HTML 24Page - IDEC Corporation ABFW311-R Datasheet HTML 25Page - IDEC Corporation ABFW311-R Datasheet HTML 26Page - IDEC Corporation ABFW311-R Datasheet HTML 27Page - IDEC Corporation ABFW311-R Datasheet HTML 28Page - IDEC Corporation ABFW311-R Datasheet HTML 29Page - IDEC Corporation ABFW311-R Datasheet HTML 30Page - IDEC Corporation ABFW311-R Datasheet HTML 31Page - IDEC Corporation ABFW311-R Datasheet HTML 32Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
723
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Custom Selector Switch Building Guide
To build a custom selector switch, follow these steps.
Step 1
How many positions of the switch are needed?
# of positions
(2, 3, 4, 5)
Step 2
How many contacts should there be?
# of isolated contacts
(maximum 6)
Step 3
Fill in the Truth Table
(X = closed, 0 = open)
Knob Position
1
2
3
4
5
1
2
3
4
5
6
Step 4
If building a 2 position selector, skip this step. (2 position selectors have only one cam)
If building a 3, 4, or 5 position selector, determine appropriate cam as follows:
• Look at Row 1 from above table and locate an identical row in the operator truth tables (See next page).
• Repeat for all rows. The user must find one operator that contains all rows from above table.
• Record the operator cam version.
Step 5
Build by placing appropriate contact in appropriate mounting position for each desired row on operator cam truth table. “L” and “R” refer to mounting on left or right
side of operator as viewed from the front of the panel.
Step 6
Develop an assembly part number (if necessary) as follows: follow standard numbering nomenclature for selector switches (see pages 712 or 716. In place of the
“Circuit Number” indicate the cam number and contact arrangement as such ASW322-3-OELCSS, where “3” is the cam number, and contact arrangement “OELCXX”
calls out individual contact mounting locations in order (see diagram above). O=NO, C=NC, E=NO-EM, L=NC-LB, X= no contact. Part number must designate all 6 pos-
sible mounting locations.
Caution: Before putting any custom selector switch into use, the user should use an ohmmeter to test for desired performance.
1. For Operator Truth Tables, see next page.
L
Mounting Positions
3
4
1
2
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com