Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABFW311-R Datasheet(PDF) 24 Page - IDEC Corporation

Part # ABFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABFW311-R Datasheet(HTML) 24 Page - IDEC Corporation

Back Button ABFW311-R Datasheet HTML 20Page - IDEC Corporation ABFW311-R Datasheet HTML 21Page - IDEC Corporation ABFW311-R Datasheet HTML 22Page - IDEC Corporation ABFW311-R Datasheet HTML 23Page - IDEC Corporation ABFW311-R Datasheet HTML 24Page - IDEC Corporation ABFW311-R Datasheet HTML 25Page - IDEC Corporation ABFW311-R Datasheet HTML 26Page - IDEC Corporation ABFW311-R Datasheet HTML 27Page - IDEC Corporation ABFW311-R Datasheet HTML 28Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
719
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Illuminated Selector Switches (Sub-Assembled) continued
Contact Blocks
Style
Contacts
1NO
1NC
Finger-
Safe
Spring-Up
Terminal
HW-U10-F
HW-U01-F
HW-U10R-F
(early make)
HW-U01R-F
(late break)
Dummy
Block
HW-DB
1. Dummy blocks (no contacts) are used with an odd number of contact blocks.
2. Use of early and late break contacts creates a make before break function
Lamp Circuit Components
Style
Application
Part Number
Short Lamp Holder
Used with full voltage
adaptor and one contact
block
TW-LH1
Long Lamp Holder
Used with Full-size
Transformer and two
contact blocks
TW-LH2
Lead Holder
Used with TW-LH2
holder when using four
contact blocks and full
size transformer
HW-LH3
Transformers/Full Voltage Modules
Style
Description
Part Number
Full Size Transformer
Finger-Safe
120V AC
TW-F126B
240V AC
TW-F246B
480V AC
TW-F486B
Dummy Block with
Full Voltage Adaptor
For use
with odd
number of
contacts.
Finger-Safe
HW-DA1FBN
Full Voltage Adaptor
For use
with even
number of
contacts.
Finger-Safe
TW-DA1FB
All Transformers step down to 6V (use 6V lamp).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com