Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABFW311-R Datasheet(PDF) 17 Page - IDEC Corporation

Part # ABFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABFW311-R Datasheet(HTML) 17 Page - IDEC Corporation

Back Button ABFW311-R Datasheet HTML 13Page - IDEC Corporation ABFW311-R Datasheet HTML 14Page - IDEC Corporation ABFW311-R Datasheet HTML 15Page - IDEC Corporation ABFW311-R Datasheet HTML 16Page - IDEC Corporation ABFW311-R Datasheet HTML 17Page - IDEC Corporation ABFW311-R Datasheet HTML 18Page - IDEC Corporation ABFW311-R Datasheet HTML 19Page - IDEC Corporation ABFW311-R Datasheet HTML 20Page - IDEC Corporation ABFW311-R Datasheet HTML 21Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
712
www.IDEC.com
1904032203
Non-Illuminated Selector Switches (Assembled)
Assembled Selector Switches
A
S
W
3
(1)
(L)
20 – 304
Function
S: Selector Switch
Series Designation
W: TW Series
Number of Positions
2: 2-Position
3: 3-Position
4: 4-Position
5: 5-Position
Spring Return Action
Blank: Maintained
1: Spring return from Right (2 or 3 position)
2: Spring return from Left (2 or 3 position)
3: 2-Way spring return from Left and Right
(3 position only)
Circuit Number
(Standard circuits shown on following
pages and 720.)
Contact Arrangement Code
10: 1NO
01: 1NC
20: 2NO
02: 2NC
40: 4NO
04: 4NC
11: 1NO-1NC 22: 2NO-2NC
Operator Style Code
Blank:
Knob Operator
L: Lever Operator
K: Key Operator
1. Use only when interpreting part numbers. Do not use for developing part numbers.
2. Custom contact configurations available.
3. Custom key removable codes available.
4. Portions of part number inside ( ) are optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com