Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1028362 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1028362
Description  Distribution block - PTFIX 2X4 RD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1028362 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1028362 Datasheet HTML 1Page - PHOENIX CONTACT 1028362 Datasheet HTML 2Page - PHOENIX CONTACT 1028362 Datasheet HTML 3Page - PHOENIX CONTACT 1028362 Datasheet HTML 4Page - PHOENIX CONTACT 1028362 Datasheet HTML 5Page - PHOENIX CONTACT 1028362 Datasheet HTML 6Page - PHOENIX CONTACT 1028362 Datasheet HTML 7Page - PHOENIX CONTACT 1028362 Datasheet HTML 8Page - PHOENIX CONTACT 1028362 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1028362
09/12/2020   Page 3 / 12
Distribution block - PTFIX 2X4 RD - 1028362
Technical data
General
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
130 °C
Static insulating material application in cold
-60 °C
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Calorimetric heat release NFPA 130 (ASTM E 1354)
28 MJ/kg
Smoke gas toxicity NFPA 130 (SMP 800C)
passed
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Dimensions
Width
6.2 mm
Length
28.6 mm
Height
21.7 mm
Connection data
Connection method
Push-in connection
Stripping length
10 mm ... 12 mm
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
10
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
4 mm²
Min. AWG conductor cross section, flexible
24
Max. AWG conductor cross section, flexible
10
Conductor cross section flexible, with ferrule without plastic sleeve min. 0.2 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max. 4 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.2 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
4 mm²
Connection cross sections directly pluggable
0.5 mm² 6 mm²
Conductor cross section solid min.
0.5 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section flexible, with ferrule without plastic sleeve min. 0.75 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max. 4 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
4 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com