Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1028362 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 1028362
Description  Distribution block - PTFIX 2X4 RD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1028362 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 1028362 Datasheet HTML 4Page - PHOENIX CONTACT 1028362 Datasheet HTML 5Page - PHOENIX CONTACT 1028362 Datasheet HTML 6Page - PHOENIX CONTACT 1028362 Datasheet HTML 7Page - PHOENIX CONTACT 1028362 Datasheet HTML 8Page - PHOENIX CONTACT 1028362 Datasheet HTML 9Page - PHOENIX CONTACT 1028362 Datasheet HTML 10Page - PHOENIX CONTACT 1028362 Datasheet HTML 11Page - PHOENIX CONTACT 1028362 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1028362
09/12/2020   Page 11 / 12
Distribution block - PTFIX 2X4 RD - 1028362
Accessories
Marking foil for zack marker strip - TML (EX3,8)R - 0801837
Marking foil for zack marker strip, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL 2.0,
THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK
X1.2, mounting type: adhesive, for terminal block width: 30000 mm, lettering field size: 30000 x 3.8 mm, Number of
individual labels: 1
 
 
Marking foil for zack marker strip - TML (104X3,8)R - 0801833
Marking foil for zack marker strip, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL 2.0,
THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2,
mounting type: adhesive, for terminal block width: 104 mm, lettering field size: 104 x 3.8 mm, Number of individual
labels: 2500
 
 
Marking foil for zack marker strip - TML (104X2,8)R - 0801832
Marking foil for zack marker strip, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL 2.0,
THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2,
mounting type: adhesive, for terminal block width: 104 mm, lettering field size: 104 x 2.8 mm, Number of individual
labels: 2500
 
 
Marking foil for zack marker strip - TML (EX2,8)R - 0801836
Marking foil for zack marker strip, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL 2.0,
THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK
X1.2, mounting type: adhesive, for terminal block width: 30000 mm, lettering field size: 30000 x 2.8 mm, Number of
individual labels: 1
 
 
Label - MM-TML (EX3,8)R C1 WH/BK - 1092026
Label, Roll, white, unlabeled, can be labeled with: THERMOFOX, THERMOMARK GO, THERMOMARK GO.K,
mounting type: adhesive, for terminal block width: 8000 mm, lettering field size: continuous x 3.8˽mm
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com