Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1028362 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1028362
Description  Distribution block - PTFIX 2X4 RD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1028362 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1028362 Datasheet HTML 1Page - PHOENIX CONTACT 1028362 Datasheet HTML 2Page - PHOENIX CONTACT 1028362 Datasheet HTML 3Page - PHOENIX CONTACT 1028362 Datasheet HTML 4Page - PHOENIX CONTACT 1028362 Datasheet HTML 5Page - PHOENIX CONTACT 1028362 Datasheet HTML 6Page - PHOENIX CONTACT 1028362 Datasheet HTML 7Page - PHOENIX CONTACT 1028362 Datasheet HTML 8Page - PHOENIX CONTACT 1028362 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1028362
09/12/2020   Page 1 / 12
Distribution block - PTFIX 2X4 RD - 1028362
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Distribution block, Basic terminal block, nom. voltage: 450 V, nominal current: 32 A, connection method:
Push-in connection, number of connections: 2, cross section: 0.2 mm² - 6 mm², AWG: 24 - 10, width: 6.2 mm,
height: 21.7 mm, color: red, mounting type: for snapping onto a DIN rail adapter
Key Commercial Data
Packing unit
50 pc
Minimum order quantity
50 pc
GTIN
GTIN
4055626526928
Technical data
General
Number of levels
1
Number of connections
2
Nominal cross section
4 mm²
Color
red
Insulating material
PA
Flammability rating according to UL 94
V0
Maximum load current
41 A
Nominal current IN
32 A
Nominal voltage UN
450 V
Open side panel
No
Ambient temperature (operation)
-60 °C ... 85 °C
Ambient temperature (storage/transport)
-25 °C ... 55 °C (For a short time, not exceeding 24 h, -60 to +70 °C)
Permissible humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Shock protection test specification
DIN EN 50274 (VDE 0660-514):2002-11


Similar Part No. - 1028362

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1028360 PHOENIX-1028360 Datasheet
128Kb / 12P
Distribution block - PTFIX 2X4 GY
09/12/2020
1028361 PHOENIX-1028361 Datasheet
126Kb / 12P
Distribution block - PTFIX 2X4 BU
09/12/2020
1028363 PHOENIX-1028363 Datasheet
525Kb / 21P
Distribution block - PTFIX 2X4 YE
Jul 20, 2022
1028364 PHOENIX-1028364 Datasheet
126Kb / 12P
Distribution block - PTFIX 2X4 GN
09/12/2020
1028365 PHOENIX-1028365 Datasheet
126Kb / 12P
Distribution block - PTFIX 2X4 BN
09/12/2020
More results

Similar Description - 1028362

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1028360 PHOENIX-1028360 Datasheet
128Kb / 12P
Distribution block - PTFIX 2X4 GY
09/12/2020
1028361 PHOENIX-1028361 Datasheet
126Kb / 12P
Distribution block - PTFIX 2X4 BU
09/12/2020
1028364 PHOENIX-1028364 Datasheet
126Kb / 12P
Distribution block - PTFIX 2X4 GN
09/12/2020
1028365 PHOENIX-1028365 Datasheet
126Kb / 12P
Distribution block - PTFIX 2X4 BN
09/12/2020
1028367 PHOENIX-1028367 Datasheet
126Kb / 12P
Distribution block - PTFIX 2X4 BK
09/12/2020
1028366 PHOENIX-1028366 Datasheet
524Kb / 22P
Distribution block - PTFIX 2X4 WH
Jun 22, 2022
1028363 PHOENIX-1028363 Datasheet
525Kb / 21P
Distribution block - PTFIX 2X4 YE
Jul 20, 2022
1028368 PHOENIX-1028368 Datasheet
522Kb / 21P
Distribution block - PTFIX 2X4 VT
Jul 29, 2022
1028369 PHOENIX-1028369 Datasheet
523Kb / 21P
Distribution block - PTFIX 2X4 PK
Nov 30, 2022
1028371 PHOENIX-1028371 Datasheet
536Kb / 21P
Distribution block - PTFIX 2X4-FE
Nov 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com